Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 79 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 79 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 75Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 76Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 77Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 78Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 79Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 80Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 81Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 82Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 83Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 69
(This specification is subject to change without prior notice)
Only one event (from Events 3 to 6) can be enabled before entering into Sleep mode. That
is:
a)
If WDT is enabled before SLEP, the eKTF6708 can wake up only when Events 1 or 2
occurs. Refer to Section 6.5 Interrupt for further details.
b)
If External (/INT) pin change is used to wake up the eKTF6708 and the EXWE bit is
enabled before SLEP (with WDT disabled), the eKTF6708 can only wake up when
Event 3 occurs.
c)
If Port Input Status Change is used to wake-up the eKTF6708 and the corresponding
wake-up setting is enabled before SLEP (with WDT disabled), the eKTF6708 will wake
up only when Event 4 occurs.
d)
With SPI serves as Slave device and the SPIWK bit of Bank0 R11 register is enabled
before SLEP (with WDT disabled), the SPI will wake up the eKTF6708 after it receives
data. Hence, the eKTF6708 can wake up only when Event 5 occurs.
e)
When I
2C is serving as Slave device and I2CWK bit of Bank 0 R11 register is enabled
before SLEP (with WDT disabled), the I
2C will wake up the eKTF6708 after it receives
data. Hence, the eKTF6708 can only be woken up by Event 6.
f)
If Low voltage detector is used to wake up the eKTF6708 and the LVDWK bit of
Bank 0 R10 register is enabled before SLEP, WDT must be disabled by software.
Hence, the eKTF6708 can only be woken up by Event 7.
g)
If AD conversion completed is used to wake up the eKTF6708 and the ADWK bit
of Bank 0 R10 register is enabled before SLEP, WDT must be disabled by software.
Hence, the eKTF6708 can only be woken up by Event 8.
6.4.1 Summary of Wake-up and Interrupt Mode Operation
Wake-up
Signal
Condition
Signal
Sleep Mode
Idle Mode
Green Mode
Normal Mode
DISI
ENI
DISI
ENI
DISI
ENI
DISI
ENI
External INT
INTWK = 0,
EXIE = 0
/INT pin Disable
INTWK = 0,
EXIE = 1
Wake-up is invalid.
Next
Instruction
Interrupt
+
Interrupt
Vector
Next
Instruction
Interrupt
+
Interrupt
Vector
INTWK = 1,
EXIE = 0
/INT pin Disable
INTWK = 1,
EXIE = 1
Wake up
+
Next
Instruction
Wake up
+
Interrupt
Vector
Wake up
+
Next
Instruction
Wake up
+
Interrupt
Vector
Next
Instruction
Interrupt
+
Interrupt
Vector
Next
Instruction
Interrupt
+
Interrupt
Vector
TCC INT
TCIE = 0
Wake-up is invalid.
Interrupt is invalid.
TCIE = 1
Wake-up is invalid.
Wake up
+
Next
Instruction
Wake up
+
Interrupt
Vector
Next
Instruction
Interrupt
+
Interrupt
Vector
Next
Instruction
Interrupt
+
Interrupt
Vector
TC1 Interrupt
(Used as
TC1IE = 0
Wake-up is invalid
Wake-up is
invalid.
Interrupt is
invalid
Interrupt is invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com