Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 48 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 46Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 47Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 48Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 49Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 50Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 51Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 52Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 158 page
background image
eKTF6708
8-Bit Microcontroller
38
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.48 Bank 0 R3F: ADCR2 (ADC Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADLPFEN
-
ADIM
ADCMS
VPIS1
VPIS0
VREFP1
VREFP0
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 (ADLPFEN): Low pass filter of ADC for initial voltage reference enable bit.
0: Disable
1: Enable
NOTE
When using internal voltage reference, users need to wait 50us at least the first time to
enable and stabilize the internal voltage reference circuit. After that, users need to wait
500us(Low pass filter stable time) at least then set ADLPFEN enable, whenever switching
voltage references.
Bits 6: Not used, set to "0" all the time.
Bit 5 (ADIM): ADC Interrupt Mode
0: Normal mode. Interrupt occurred after AD conversion is completed.
1: Compare mode. Interrupt occurred when comparison result conforms the
setting of ADCMS bits.
Bit 4 (ADCMS): ADC Comparison Mode Selection.
In compare mode:
0: Interrupt occurred when AD conversion data is greater than data in ADCD
register.
It means when ADD > ADCD, interrupt occurred.
1: Interrupt occurred when AD conversion data is less than data in ADCD
register.
It means when ADD < ADCD, interrupt occurred.
In normal mode:
No effect
Bits 3 ~ 2 (VPIS1~0): Internal Reference Voltage Selection.
VPIS[1:0]
Reference Voltage
00
4.096 V
01
3.072 V
10
2.560 V
11
2.048 V
Bits 1 ~ 0 (VREFP1~0): Positive Reference Voltage Selection
0: Internal positive reference voltage. The actual voltage is set by VPIS[1:0] bits
1: From VREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com