Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 36Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 37Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 38Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 39Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 40Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 41Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 42Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 158 page
background image
eKTF6708
8-Bit Microcontroller
30
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bit 4 (TC1SS0): Timer/Counter 1 clock source selection bit
0: The Fs is used as count source (Fc) (default)
1: The Fm is used as count source (Fc)
Bits 3~0 (TC1CK3~TC1CK0): Timer/Counter 1 clock source prescaler select.
TC1CK3
TC1CK2
TC1CK1
TC1CK0
Clock
Source
Resolution
8MHZ
Max time
8MHz
Resolution
16KHZ
Max time
16KHz
Normal
FC=8M
FC=8M
FC=16K
FC=16K
0
0
0
0
FC
125ns
32us
62.5us
16ms
0
0
0
1
FC/2
250ns
64us
125us
32ms
0
0
1
0
FC/22
500ns
128us
250us
64ms
0
0
1
1
FC/23
1us
256us
500us
128ms
0
1
0
0
FC/24
2us
512us
1ms
256ms
0
1
0
1
FC/25
4us
1024us
2ms
512ms
0
1
1
0
FC/26
8us
2048us
4ms
1024ms
0
1
1
1
FC/27
16us
4096us
8ms
2048ms
1
0
0
0
FC/28
32us
8192us
16ms
4096ms
1
0
0
1
FC/29
64us
16384us
32ms
8192ms
1
0
1
0
FC/210
128us
32768us
64ms
16384ms
1
0
1
1
FC/211
256us
65536us
128ms
32768ms
1
1
0
0
FC/212
512us
131072us
256ms
65536ms
1
1
0
1
FC/213
1.024ms
262144us
512ms
131072ms
1
1
1
0
FC/214
2.048ms
524.288ms
1.024s
262144ms
1
1
1
1
FC/215
4.096ms
1.048s
2.048s
524288ms
6.1.33 Bank 0 R26: TC1DA (Timer/Counter 1 DATA Buffer A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC1DA7
TC1DA6
TC1DA5
TC1DA4
TC1DA3
TC1DA2
TC1DA1
TC1DA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TC1DA7~TC1DA0): Data buffer A of 8 bit Timer/Counter 1
6.1.34 Bank 0 R27: TC1DB (Timer/Counter 1 DATA Buffer B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC1DB7
TC1DB6
TC1DB5
TC1DB4
TC1DB3
TC1DB2
TC1DB1
TC1DB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com