Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 68 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 68 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 69Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 70Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 71Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 72Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 158 page
background image
eKTF6708
8-Bit Microcontroller
58
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bit 6 (LDOEN): LDO Enable bit, if TK power source form VDD, this bit invalid.
0: LDO Disable
1: LDO Enable (Default)
Bit 5 (TKPSB): TK power source select bit.
0: TK power source from TK Regulator.(Default)
1: TK power source from VDD.
Bit 4 (TKOE): TK Inactive waveform output enable bit.
0: Disable. (TKO pin not output TK Active shielding waveform)
1: Enable. (TKO pin output TK Active shielding waveform)
Bit 3~2 (TRVS1~TRVS0): TK Regulator Voltage level Select.
TRVS1
TRVS0
Reference Voltage(VDD=5V)
0
0
2.4V(Default)
0
1
2.0V
1
0
2.8V
1
1
4.5V
Bit 1 (TKIAS): TK Inactive pin function select.
0: Enable. (All TK inactive trace are TK function)
1: Disable. (All TK inactive trace pull low)
Bits 0 (GMC): Touch Key Gain control Bit.
0: 8:1 (Default)
1: 16:1
6.1.115 Bank 2 RE: TKCCR (Touch Key Calculate Cycle Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCCY7
TCCY6
TCCY5
TCCY4
TCCY3
TCCY2
TCCY1
TCCY0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TCCY7~TCCY0): Touch Key Calculate Cycle set bits, the register default value
= 0x40.
*Cycle=(TKCCR+1)*2
6.1.116 Bank 2 RF: TKCSR (Touch Key Calculate Step Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
CS3
CS2
CS1
CS0
-
-
-
-
R/W
R/W
R/W
R/W
Bit 7~4: not used, fixed to “0” all the time.
Bits 3~0 (CS3~CS0): Calculate Step select bits, the register default value = 0x0A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com