Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EKTF6708 Datasheet HTML 1Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 2Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 3Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 4Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 5Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 6Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 7Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 8Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 158 page
background image
Contents
iv
IC Product Specification (V1.2) 03.12.2020
6.1.26
Bank 0 R1F: (Reserved).................................................................................26
6.1.27
Bank 0 R20: IMR6 (Interrupt Mask Register 6) ..............................................26
6.1.28
Bank 0 R21: WDTCR (Watchdog Timer Control Register).............................26
6.1.29
Bank 0 R22: TCCCR (TCC Control Register) ................................................27
6.1.30
Bank 0 R23: TCCD (TCC Data Register) .......................................................28
6.1.31
Bank 0 R24: TC1CR1 (Timer 1 Control Register 1) .......................................28
6.1.32
Bank 0 R25: TC1CR2 (Timer 1 Control Register 2) .......................................29
6.1.33
Bank 0 R26: TC1DA (Timer/Counter 1 DATA Buffer A) ..................................30
6.1.34
Bank 0 R27: TC1DB (Timer/Counter 1 DATA Buffer B)..................................30
6.1.35
Bank 0 R28 ~ R2F: (Reserved) ......................................................................31
6.1.36
Bank 0 R30: I2CCR1 (I2C Status and Control Register 1) ............................31
6.1.37
Bank 0 R31: I2CCR2 (I2C Status and Control Register 2) ............................32
6.1.38
Bank 0 R32: I2CSA (I2C Slave Address Register) .........................................33
6.1.39
Bank 0 R33: I2CDB (I2C Data Buffer Register) .............................................33
6.1.40
Bank 0 R34: I2CDAL (I2C Device Address Register).....................................34
6.1.41
Bank 0 R35: I2CDAH (I2C Device Address Register) ....................................34
6.1.42
Bank 0 R36: SPICR (SPI Control Register) ...................................................34
6.1.43
Bank 0 R37: SPIS (SPI Status Register)........................................................35
6.1.44
Bank 0 R38: SPIR (SPI Read Buffer Register) ..............................................36
6.1.45
Bank 0 R39: SPIW (SPI Write Buffer Register) ..............................................36
6.1.46
Bank 0 R3A ~ R3D: (Reserved) .....................................................................36
6.1.47
Bank 0 R3E: ADCR1 (ADC Control Register 1) .............................................36
6.1.48
Bank 0 R3F: ADCR2 (ADC Control Register 2) .............................................38
6.1.49
Bank 0 R40: ADISR (Analog to Digital Converter Input Channel Selection
Register) .........................................................................................................39
6.1.50
Bank 0 R41: ADER1 (Analog to Digital Converter Input Control Register 1) .39
6.1.51
Bank 0 R42: (Reserved) .................................................................................40
6.1.52
Bank 0 R43: ADDL (Low Byte of Analog to Digital Converter Data)...............40
6.1.53
Bank 0 R44: ADDH (High Byte of Analog to Digital Converter Data) .............40
6.1.54
Bank 0 R45: ADCVL (Low Byte of Analog to Digital Converter Comparison) 40
6.1.55
Bank 0 R46: ADCVH (High Byte of Analog to Digital Converter Comparison)
........................................................................................................................
40
6.1.56
Bank 0 R47~4F: (Reserved)...........................................................................40
6.1.57
Bank 1 R5 ~ R7: (Reserved) ..........................................................................40
6.1.58
Bank 1 R8: P5PHCR (Port 5 Pull-high Control Register) ...............................40
6.1.59
Bank 1 R9: P6PHCR (Port 6 Pull-high Control Register) ...............................41
6.1.60
Bank 1 RA: P7PHCR (Ports 7 Pull-high Control Register).............................41
6.1.61
Bank 1 RB: P5PLCR (Port 5 Pull-low Control Register).................................42
6.1.62
Bank 1 RC: P6PLCR (Port 6 Pull-low Control Register) ................................42
6.1.63
Bank 1 RD: P7PLCR (Ports 7 Pull-low Control Register) ..............................42
6.1.64
Bank 1 RE: P5HDSCR (Port 5 High Drive/Sink Control Register) .................43
6.1.65
Bank 1 RF: P6HDSCR (Port 6 High Drive/Sink Control Register) .................43
6.1.66
Bank 1 R10: P7HDSCR (Port 7 High Drive/Sink Control Register) ...............43
6.1.67
Bank 1 R11: P5ODCR (Port 5 Open-Drain Control Register) ........................43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com