Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 65 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 65 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 61Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 62Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 63Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 69Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 55
(This specification is subject to change without prior notice)
Bits 1~0 (HLVDS1~HLVDS0): High/Low Voltage Detector Level Bits
HLVDS1 HLVDS0
HLVD Voltage Level
0
0
2.2V
0
1
2.5V
1
0
3.9V
1
1
4.6V
6.1.106 Bank 1 R4A~ R4C: (Reserved)
6.1.107 Bank 1 R4D: TBWCR (Table Write Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
-
IALVF
IAPEN
-
-
-
-
-
-
R
R/W
Bit 7~2: not used, fixed to “0” all the time.
Bit 1(IALVF): IAP Low Voltage Flag
0: IAP voltage is stable during IAP in programing mode.
1: IAP Low Voltage occurs during IAP in programing mode
Bits 0 (IAPEN): IAP enable bit
0: IAP mode Disable.
1: IAP mode Enable.
6.1.108 Bank 1 R4E: TBWAL (Table Write start Address Low byte)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TBWA[7]
TBWA[6]
TBWA[5]
TBWA[4]
TBWA[3]
TBWA[2]
TBWA[1]
TBWA[0]
R/W
R/W
R/W
R
R
R
R
R
Bits 7~0(TBWA[7]~TBWA[0]): Table write star address bits 7~0, TBWA[4]~TBWA[0]
always fixed to “0”.
6.1.109 Bank 1 R4F: TBWAH (Table Write start Address High byte)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
TBWA[12] TBWA[11]
TBWA[10]
TBWA[9]
TBWA[8]
-
-
-
R/W
R/W
R/W
R/W
R/W
Bits 7~5: Fixed to “0” all the time. (Read only)
Bits 4~0(TBWA[12]~TBWA[8]): Table write address bits 12~8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com