Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 67 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 67 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 63Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 69Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 70Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 71Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 57
(This specification is subject to change without prior notice)
Bits 1 (TKAEP1): Touch Key Enable Pin Control Bits
0: P61/TK2 is P61 pin.
1: Functions as Touch Key pin, TK2 is TK Sensor.
Bits 0 (TKAEP0): Touch Key Enable Pin Control Bits
0: P60/TK1/TC1/INT1 is P60/TC1/INT1 pin.
1: Functions as Touch Key pin, TK1 is TK Sensor.
6.1.111 Bank 2 R6: (Reserved)
6.1.112 Bank 2 R7: TKASCR (Touch Key Group A Select Control
Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TKAEN
-
-
-
-
TKASW2
TKASW1 TKASW0
R/W
-
-
-
-
R/W
R/W
R/W
Bit 7 (TKAEN): Touch Key Group A Enable Bit
0: Disable.
1: Enable.
Bit 6~3: not used, fixed to “0” all the time.
Bits 2~0 (TKASW2~TKASW0): Touch Key Group A pin Selected Bits.
TKASW[2:0]
Selected Channel
000
TK1
001
TK2
010
TK3
011
TK4
100
TK5
101
TK6
110
TK7
111
TK8
6.1.113 Bank 2 R8 ~ RC: (Reserved)
6.1.114
Bank 2 RD: TKCR (Touch Key Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TKS
LDOEN
TKPSB
TKOE
TRVS1
TRVS0
TKIAS
GMC
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 (TKS): TK Conversion start bit.
0: Reset on completion of the conversion by hardware, this bit cannot be reset by
software.
1: Conversion start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com