Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 60 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 60 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 56Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 57Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 58Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 59Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 60Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 61Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 62Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 63Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 158 page
background image
eKTF6708
8-Bit Microcontroller
50
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.90 Bank 1 R29: DTCH (High Byte of PMWC Duty)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DTC15
DTC14
DTC13
DTC12
DTC11
DTC10
DTC9
DTC8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (DTC15~8): The contents of the register are high byte of the PWMC duty
6.1.91 Bank 1 R2A: TMRCL (Low Byte of Timer C)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMRC7
TMRC6
TMRC5
TMRC4
TMRC3
TMRC2
TMRC1
TMRC0
R
R
R
R
R
R
R
R
Bits 7~0 (TMRC7~0): The contents of the register are low byte of the PWMC timer which
is counting. This is read-only
6.1.92 Bank 1 R2B: TMRCH (High Byte of Timer C)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMRC15
TMRC14
TMRC13
TMRC12
TMRC11
TMRC10
TMRC9
TMRC8
R
R
R
R
R
R
R
R
Bits 7~0 (TMRC15~8): The contents of the register are high byte of the PWMC timer
which is counting. This is read-only
6.1.93 Bank 1 R2C ~ R32: (Reserved)
6.1.94 Bank 1 R33: URCR (UART Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
UINVEN
UMODE1
UMODE0
BRATE2
BRATE1
BRATE0
UTBF
TXE
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Bit 7 (UINVEN): Enable UART TXD and RXD Port Inverse Output Bit
0: Disable TXD and RXD port inverse output.
1: Enable TXD and RXD port inverse output.
Bits 6~5 (UMODE1~UMODE0): UART mode select bits
UMODE1
UMODE0
UART mode
0
0
Mode1: 7-bit
0
1
Mode1: 8-bit
1
0
Mode1: 9-bit
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com