Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 16Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 17Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 18Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 19Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 20Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 21Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 22Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 23Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 158 page
background image
eKTF6708
8-Bit Microcontroller
10
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
A
12 ~ A 0
PC
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
On - Chip Program memory
17FFh
STACK LEVEL 6
STACK LEVEL 7
STACK LEVEL 8
STACK LEVEL
9
STACK LEVEL10
STACK LEVEL11
STACK LEVEL12
STACK LEVEL13
STACK LEVEL14
STACK LEVEL15
STACK LEVEL16
STACK LEVEL1
STACK LEVEL2
Reset vector
0000h
0002h
Pin change interrupt vector
0004h
0006h
I2C Rx interrupt vector
PWMPB interrupt vector
0016h
I2Cstop interrupt vector
001Ah
PWMDA interrupt vector
TCC interrupt vector
000Ch
001Ch
001Eh
PWMPA interrupt vector
PWMDB interrupt vector
0014h
LVD interrupt vector
0024h
0026h
INT interrupt vector
0008h
SPI interrupt vector
Touch Key interrupt vector
Touch Key error interrupt vector
003Ch
003Eh
Touch Key Idle with scan mode interrupt vector
0040h
UART RX error interrupt vector
UART RX interrupt vector
00
2Eh
00
30h
System hold interrupt vector
003Ah
UART TX interrupt vector
00
32h
0010 h
ADC interrupt vector
TC1 interrupt vector
0012h
PWMPC interrupt vector
PWMDC interrupt vector
002Ah
002Ch
I2C Tx interrupt vector
Figure 6-1 eKTF6708 Program Counter Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com