Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 35Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 36Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 37Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 38Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 39Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 40Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 41Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 42Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 29
(This specification is subject to change without prior notice)
Bit 4: Not used, set to “0” all the time.
Bit 3(TC1FF): Inversion for Timer/Counter 1 as PWM or PDO mode
0: Duty is Logic 1 (default)
1: Duty is Logic 0
Bit 2 (TC1MOS): Timer Output Mode Select Bit
0: Repeating mode (default)
1: One–shot mode
NOTE
One-shot mode means the timer only counts a cycle.
Bits 1~0 (TC1IS1~ TC1IS0): Timer 1 Interrupt Type Select Bits. These two bits are
used when the Timer operates in PWM mode.
TC1IS1
TC1IS0
Timer 1 Interrupt Type Select
0
0
TC1DA(period) matching
0
1
TC1DB(duty) matching
1
x
TC1DA and TC1DB matching
6.1.32 Bank 0 R25: TC1CR2 (Timer 1 Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC1M2
TC1M1
TC1M0
TC1SS0
TC1CK3
TC1CK2
TC1CK1
TC1CK0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~5 (TC1M2~TC1M0): Timer/Counter 1 operation mode select.
TC1M2
TC1M1
TC1M0
Operating Mode Select
0
0
0
Timer/Counter Rising Edge
0
0
1
Timer/Counter Falling Edge
0
1
0
Capture Mode Rising Edge
0
1
1
Capture Mode Falling Edge
1
0
0
Window mode
1
0
1
Programmable Divider output
1
1
0
Pulse Width Modulation output
1
1
1
Buzzer (output timer/counter clock source.
The duty cycle of clock source must be 50/50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com