Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 23Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 24Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 25Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 26Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 27Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 28Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 29Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 30Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 17
(This specification is subject to change without prior notice)
CPU mode switch
IRC
Frequency
POR/LVR
Waiting time before CPU starting to work
PERCS = 1
PERCS = 0
Green -> Normal
4M, 8M
16ms + WSTO + 8/32 clocks
(main frequency)
WSTO + (8/32) clocks@4M&8M
WSTO + 32 clocks@12M&16M
(main frequency)
12M, 16M
Idle -> Normal
4M, 8M, 12M,
16M
WSTO + 3 clocks
(sub frequency 32KHz)
Sleep -> Normal
WSTO + 6 clocks
(sub frequency 32KHz)
Idle -> Green
32KHz
16ms + WSTO + 3 clocks
(sub frequency)
WSTO + 3 clocks
(sub frequency 32KHz)
Sleep -> Green
WSTO + 6 clocks
(sub frequency 32KHz)
WSTO: Waiting time of Start-to-Oscillation
Bit 5 (PERCS): Periphery Clock Source for Green and Idle modes.
0: Periphery Clock Source is Fs. Fm will be Stop into Green and Idle modes.
(default)
1: Periphery Clock Source is Fm. Fm will be oscillation into Green and Idle
modes.
Bits 4,2: Not used, set to “0” all the time
Bit 3 (FMSF): Fm Stable Flag bit.
0: Indicate that the frequency is unstable.
1: Indicate that the frequency has stabilized.
Bits 1~0 (RCM1~RCM0): Internal RC mode selection bits
*Default value corresponding code option Word1 RCM1~RCM0
*RCM1
*RCM0
Frequency (MHz)
1
1
4
1
0
8
0
1
12
0
0
16
6.1.10 Bank 0 RF: EIESCR (External Interrupt Edge Select Control
Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
EIES1
EIES0
-
-
-
-
-
-
R/W
R/W
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com