Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 95 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 95 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 91Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 92Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 93Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 94Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 95Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 96Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 97Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 98Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 99Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 85
(This specification is subject to change without prior notice)
6.5 Interrupt
The eKTF6708 has 23 interrupts (External, Internal) as listed below:
Interrupt Source
Enable Condition
Int. Flag
Int. Vector
Priority
Internal /
External
Reset
-
-
0
High 0
External
INT
ENI + EXIE=1
EXSF
2
1
External
Pin change
ENI +ICIE=1
ICSF
4
2
Internal
TCC
ENI + TCIE=1
TCSF
6
3
Internal
LVD
ENI+LVDEN &
LVDIE=1
LVDSF
8
4
Internal
SPI
ENI + SPIIE=1
SPISF
C
5
Internal
AD
ENI + ADIE=1
ADSF
10
6
Internal
TC1
ENI + TC1IE=1
TC1SF
12
7
Internal
PWMPA
ENI+PWMAPIE=1
PWMAPSF
14
8
Internal
PWMDA
ENI+PWMADIE=1
PWMADSF
16
9
Internal
I2C Transmit
ENI+ I2CTIE
I2CTSF
1A
10
Internal
I2C Receive
ENI+ I2CRIE
I2CRSF
1C
11
Internal
I2CSTOP
ENI+ I2CSTPIE
I2CSTPSF
1E
12
Internal
PWMPB
ENI+PWMBPIE=1
PWMBPSF
24
13
Internal
PWMDB
ENI+PWMBDIE=1
PWMBDSF
26
14
Internal
PWMPC
ENI+PWMCPIE=1
PWMCPSF
2A
15
Internal
PWMDC
ENI+PWMCDIE=1 PWMCDSF
2C
16
Internal
UART Receive error
ENI+UERRIE=1
UERRSF
2E
17
Internal
UART Receive
ENI + URIE=1
URSF
30
18
Internal
UART Transmit
ENI + UTIE=1
UTSF
32
19
Internal
System hold
ENI+SHIE=1
SHSF
3A
20
Internal
Touch Key
ENI+TKIE=1
TKSF
3C
21
Internal
Touch Key error
ENI+TKERRIE=1
TKPESF
TKOESF
3E
22
Internal
Touch Key Idle with
scan
ENI+TKCIE=1
TKCSF
TKTOSF
40
23
Bank 0 R14~R19 are the interrupt status registers that record the interrupt requests in the
relative flags/bits. Bank0 R1B~R20 are the interrupt Mask register. The global interrupt is
enabled by the ENI instruction and is disabled by the DISI instruction. When one of the
enabled interrupts occurs, the next instruction will be fetched from individual address. The
interrupt flag bit must be cleared by instructions before leaving the interrupt service routine
and before interrupts are enabled to avoid recursive interrupts.
The flag (except ICSF bit which is set to “0”) in the Interrupt Status Register is set
regardless of the status of its mask bit or the execution of ENI. The RETI instruction ends
the interrupt routine and enables the global interrupt (the execution of ENI).
External interrupt is equipped with digital noise rejection circuit (input pulse of less than 4
System Clock Time is eliminated as noise). When an interrupt (Falling edge) is generated
by the External interrupt (if enabled), the next instruction will be fetched from Address
002H.
Before the interrupt subroutine is executed, the contents of ACC and the R3 (Bit 0~Bit 6)
and R4 registers are saved by hardware. If another interrupt occurs, the ACC, R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com