Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 3Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 4Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 5Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 6Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 7Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 8Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 9Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 10Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 158 page
background image
Contents
IC Product Specification (V1.2) 03.12.2020
 vii
6.6.5
Programming Process/Considerations ...........................................................89
6.6.6
Programming Process for Detecting Internal VDD.........................................90
6.7 Touch Key Sensor Function ............................................................................ 90
6.7.1
Touch Key Function Block & Control Register................................................90
6.7.2
Touch Key Operation ......................................................................................92
6.7.3
Touch Key Idle-Scan mode.............................................................................94
6.8 Dual Set of PWM (Pulse Width Modulation).................................................... 96
6.8.1
Overview.........................................................................................................96
6.8.2
Control Register..............................................................................................97
6.8.3
Increment Timer Counter (TMRX: TMRxH/TMRxL) .......................................98
6.8.4
PWM Time Period (PRDX: PRDxL/H) ............................................................98
6.8.5
PWM Duty Cycle (DTX: DTxH/DT1L)............................................................99
6.8.6
PWM Programming Process/Steps ................................................................99
6.9 Timer ............................................................................................................ 100
6.9.1
Timer/Counter Mode.....................................................................................100
6.9.2
Window Mode ...............................................................................................101
6.9.3
Capture Mode ...............................................................................................102
6.9.4
Programmable Divider Output Mode and Pulse Width Modulation Mode....103
6.9.5
Buzzer Mode.................................................................................................104
6.10 SPI (Serial Peripheral Interface) ................................................................... 105
6.10.1
Overview and Features ................................................................................105
6.10.2
SPI Function Description ..............................................................................107
6.10.3
SPI Signal and Pin Description.....................................................................108
6.10.4
SPI Mode Timing ..........................................................................................110
6.11 UART (Universal Asynchronous Receiver/Transmitter) ................................. 111
6.11.1
UART Mode ..................................................................................................112
6.11.2
Transmitting ..................................................................................................113
6.11.3
Receiving ......................................................................................................113
6.11.4
Baud Rate Generator ...................................................................................114
6.11.5
UART Timing.................................................................................................114
6.12 I2C Function ................................................................................................. 115
6.12.1
7-Bit Slave Address ......................................................................................117
6.12.2
10-Bit Slave Address ....................................................................................118
6.12.3
Master Mode.................................................................................................121
6.12.4
Slave Mode I2C Transmit .............................................................................121
6.13 HLVD (High / Low Voltage Detector) .............................................................. 122
6.14 Enhance Protect ........................................................................................... 124
6.14.1
Enhance Protect Programming ....................................................................124
6.15 In Application Programing ............................................................................. 125
6.15.1
In Application Programming..........................................................................125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com