Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 14Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 15Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 16Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 17Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 18Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 19Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 20Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 21Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 158 page
background image
eKTF6708
8-Bit Microcontroller
8
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6
Functional Description
6.1 Operational Registers
6.1.1 R0: IAR (Indirect Addressing Register)
R0 is not a physically implemented register. Its major function is to perform as an indirect
addressing pointer. Any instruction using R0 as a pointer actually accesses data pointed
by the RAM Select Register (R4).
6.1.2 R1: BSR (Bank Selection Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
SBS1
SBS0
-
GBS2
GBS1
GBS0
0
0
R/W
R/W
0
R/W
R/W
R/W
Bits 7~6: Not used. Set to “0” all the time.
Bits 5~4 (SBS1~SBS0): Special register bank select bit. It is used to select Banks 0/1/2 of
Special Registers R5~R4F.
SBS1
SBS0
Special Register Bank
0
0
0
0
1
1
1
0
2
1
1
X
Bit 3: Not used. Set to “0” all the time.
Bits 2~0 (GBS2~GBS0): General register bank select bit. It is used to select
Banks 0~7 of General Registers R80~RFF.
GBS2
GBS1
GBS0
RAM Bank
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com