Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 70 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 70 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 69Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 70Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 71Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 72Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 73Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 74Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 158 page
background image
eKTF6708
8-Bit Microcontroller
60
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bit 7~6 (TKMCS1~0): Touch Key Multi-pin combine mode select bits.
TKMCS1 TKMCS0
Group A Condition
Note
0
0
Depend on TKASCR
0
1
TK1~8 Combine
1.Suggest for “TK idle with scan
Mode” Application.
2. TK Idle with scan mode only
have 1 flow
1
0
TK1~4 Combine
1.Suggest for “TK idle with scan
Mode” Application.
2. TK Idle with scan mode have 2
flows,
And this condition is the 1st flow
mode
1
1
TK5~8 Combine
1.Suggest for “TK idle with scan
Mode” Application.
2. TK Idle with scan mode have 2
flows
And this condition is the 2nd flow
mode
Bit 5,4: not used, fixed to “0” all the time.
Bit 3 (TKISE): TK idle with scan mode enable bit, for Low consumption application.
0: Disable
1: Enable, TK automatically scan for sleep mode condition.
Bits 2~0 (TKST2~TKST0): Touch Key idle scan time setting Bits.
000: 12.5ms
001: 25ms
010: 50ms
011: 100ms
100: 200ms
101: 400ms
110: 800ms
111: 1600ms
6.1.123 Bank 2 R17: TKA1WBH (TK Group A idle Scan Wakeup Base
High byte Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TA1WB[15] TA1WB[14] TA1WB[13] TA1WB[12] TA1WB[11] TA1WB[10] TA1WB[9] TA1WB[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TA1WB[15]~TA1WB[8]): 1st flow TK group A idle scan wakeup base high byte
set bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com