Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 22Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 23Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 24Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 25Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 26Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 27Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 28Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 29Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 158 page
background image
eKTF6708
8-Bit Microcontroller
16
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
0: “IDLE=0”+SLEP instruction
 sleep mode
1: “IDLE=1”+SLEP instruction
 idle mode (default)
Normal mode
Fm: oscillation
Fs: oscillation
CPU: using Fm
Sleep mode
Fm: stop
Fs: stop
CPU: stop
Green mode
Fm: stop
Fs: oscillation
CPU: using Fs
Idle mode
Fm: stop
Fs: oscillation
CPU: stop
CPUS=1
CPUS=0
Code option
HLFS=1
RESET
Code option
HLFS=0
Interrupt or
wakeup
IDLE=1
+ SLEP
IDLE=1
+ SLEP
Interrupt or
wakeup
wakeup
IDLE=0
+ SLEP
IDLE=0
+ SLEP
wakeup
(*)(**)
Figure 6-2 CPU Operation Mode
Note
(
*)
If Watchdog function is enabled before entering into sleep mode, some circuits, such as timer (Its
clock source is Fs) must stop counting.
If Watchdog function is enabled before entering into sleep mode, some circuits, such as timer (Its
clock source is external pin) can still count and its interrupt flag can be active at matching condition
as corresponding interrupt is enabled. But CPU cannot be woken up by this event.
(
**)
Switching Operation Mode at sleep
Normal, Green Normal:
If the clock source of the timer is Fm, the timer/counter must stop counting at sleep or green mode.
Then, timer can continue to count until clock source is stable at normal mode. A stable clock source
means CPU starts to work at normal mode.
Switching Operation Mode at Sleep
green:
If the clock source of the timer is Fs, the timer must stop counting at sleep mode. Then, the timer can
continue to count until the clock source is stable at green mode. A stable clock source means that
CPU starts to work at green mode.
Switching Operation Mode at Sleep
 Normal:
If the clock source of the Timer is Fs, the timer must stop counting at sleep mode. Then, the timer can
continue to count until the clock source is stable at normal mode. A stable clock source means that
CPU starts to work at normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com