Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 20Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 21Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 22Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 23Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 24Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 25Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 26Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 27Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 158 page
background image
eKTF6708
8-Bit Microcontroller
14
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.4 R3: SR (Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT
N
OV
T
P
Z
DC
C
F
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 (INT): Interrupt Enable flag
0: Interrupt masked by DISI or hardware interrupt
1: Interrupt enabled by ENI/RETI instructions
Bit 6 (N): Negative flag.
The negative flag stores the state of the most significant bit of the output result
0: The result of the operation is not negative.
1: The result of the operation is negative.
Bit 5 (OV): Overflow flag.
OV is set when a two’s complement overflows occurs as a result of an operation
0: No overflow occurred.
1: Overflow occurred.
Bit 4 (T): Time-out bit.
Set to 1 with the "SLEP" and "WDTC" commands, or during power up and reset to 0 by
WDT time-out.
Bit 3 (P): Power down bit.
Set to 1 during power on or by a "WDTC" command and reset to 0 by a "SLEP" command.
Bit 2 (Z): Zero flag.
Set to "1" if the result of an arithmetic or logic operation is zero.
Bit 1 (DC): Auxiliary carry flag
Bit 0 (C): Carry or Borrow flag
C : C is set when a carry occurs and cleared when a borrow occurs during an arithmetic
operation. The Carry Flag bit is set or cleared, depending on the operation that is
performed.
For ADD, ADC, INC, INCA instructions
0: No carry occurs.
1: Carry occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com