Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 100 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 100 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 96Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 97Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 98Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 99Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 100Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 101Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 102Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 103Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 104Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 158 page
background image
eKTF6708
8-Bit Microcontroller
90
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
NOTE
In order to obtain accurate values, it is necessary to avoid any data transition on the I/O
pins during AD conversion
6.6.6 Programming Process for Detecting Internal VDD
VDD is detected within the operation, as described in the previous section, the difference is
that before starting the ADC conversion, the first detection of VDD is ready. Therefore in
Detecting VDD:
It should be noted that before starting the AD conversion operation, the channel has to be
switched to Internal Voltage Reference channel, the voltage divider is started, then AD can
be converted. Several points to note is that, precise conversion values can be added in the
VDD Pin capacitance, or more than twice the conversion, taking the average or the last few
strokes data in order to increase the reliability of the data.
6.7 Touch Key Sensor Function
The Touch Key Sensor provides multiple touch key sensing and calculating. The touch key
function is fully integrated and does not require external components, allowing touch key
functions to be implemented by the simple
6.7.1 Touch Key Function Block & Control Register
The Touch Key are pin shared with the P60~P67 I/O pins. Touch Key are organized into
one group. Each group supports 8 detected pins.
Touch Key group
Sensing I/O pins
A
TK1
TK2
TK3
TK4
TK5
TK6
TK7
TK8
P60
P61
P62
P63
P64
P65
P66
P67
User can set the TKx Pin Control Register (TKAPC) to select this pin as Touch key function
or GP I/O pin.
TKAEP7~0
Pin function
0
GPIO or Other function
1
Touch Key Sensor
Touch Key frequency table:
Internal RC Frequency
Touch Key Frequency
4MHz
24MHz
8MHz
24MHz
12MHz
24MHz
16MHz
16MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com