Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 104 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 104 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 100Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 101Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 102Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 103Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 104Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 105Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 106Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 107Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 108Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 158 page
background image
eKTF6708
8-Bit Microcontroller
94
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
TK initial
TK Scan time
period time
TK sensing
TK sensing
OK, TKSF=1
Fail, TKPESF=1
Control the TKCSR register to adjust touch key sensitivity. TKCSR =0x00 has a higher
sensitivity, whereas TKCSR= 0x0F has a lower sensitivity.
In some high noise environment or waterproof applications, user can adjust the TKSWR
register to control the sensing detect window. TKSWR =0x00 is a small sensing window
with less noise & sensing data. On the other hand, TKSWR =0x1F is a big sensing window
with greater noise & sensing data.
6.7.3 Touch Key Idle-Scan mode
This body support Idle-Scan touch key in IDLE mode. User can enable it by setting the
TKISE. In this mode, when the CPU enters into Idle mode, it will interval some time to scan
the touch key automatically. Also, touch and pins will be combined to scan together.
TKST[2:0]
Idle-Scan interval Time (mS)
000
12.5
001
25
010
50
011
100
100
200
101
400
110
800
111
1600
TKMC[1:0]
Group A combine pins
00
Not Combined,
Only 1 Key with TKASCR is selected
01
TK1~ TK8
10
TK1~Tk4
11
TK5~TK8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com