Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 108 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 108 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 104Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 105Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 106Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 107Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 108Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 109Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 110Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 111Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 112Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 158 page
background image
eKTF6708
8-Bit Microcontroller
98
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
R_BANK Addres
s
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 1
0x27
PRDCH
PRDC15 PRDC14 PRDC13 PRDC12 PRDC11
PRDC10
PRDC9
PRDC8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 1
0x28
DTCL
DTC7
DTC6
DTC5
DTC4
DTC3
DTC2
DTC1
DTC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 1
0x29
DTCH
DTC15
DTC14
DTC13
DTC12
DTC11
DTC10
DTC9
DTC8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 1
0x2A
TMRCL
TMRC7 TMRC6 TMRC5
TMRC4
TMRC3
TMRC2
TMRC1
TMRC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 1
0x2B
TMRCH
TMRC15 TMRC14 TMRC13 TMRC12 TMRC11
TMRC10
TMRC9
TMRC8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
6.8.3 Increment Timer Counter (TMRX: TMRxH/TMRxL)
TMRXs are 16-bit clock counters with programmable prescalers. They are designed for
the PWM module as baud rate clock generators. TMR can be read only. If employed, they
can be turned off for power saving by setting the TxEN Bit to “0”. TMRA,TMRB and TMRC
are internal designs and cannot be read.
6.8.4 PWM Time Period (PRDX: PRDxL/H)
The PWM time period has a 16-bit resolution and is defined by writing to the PRDX
register. When TMRX is equal to PRDX, the following events occur on the next increment
cycle:
1)
TMRX is cleared
2)
The PWMX pin is set to “1”
NOTE
The PWM output cannot be set if the duty cycle is
“0.”
3)
The PWMXPSF bit is set to “1”
To calculate PWM time period, use the following formula:
Example:
PRDX = 49; Fosc = 4 MHz; TMRX (0, 0, 0) = 1 : 1;
Then
s
M
Period
5
.
12
1
4
1
1
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com