Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 110 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 110 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 106Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 107Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 108Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 109Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 110Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 111Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 112Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 113Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 114Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 158 page
background image
eKTF6708
8-Bit Microcontroller
100
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.9 Timer
R_BANK Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bank 0
0x24
TC1CR1
TC1S
TC1RC
TC1SS1
-
TC1FF TC1OMS TC1IS1
TC1IS0
R/W
R/W
R/W
-
R
R/W
R/W
R/W
Bank 0
0x25
TC1CR2
TC1M2
TC1M1
TC1M0
TC1SS0 TC1CK3 TC1CK2 TC1CK1 TC1CK0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x26
TC1DA
TC1DA7 TC1DA6 TC1DA5 TC1DA4 TC1DA3 TC1DA2 TC1DA1 TC1DA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x27
TC1DB
TC1DB7 TC1DB6 TC1DB5 TC1DB4 TC1DB3 TC1DB2 TC1DB1 TC1DB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x15
SFR2
-
-
-
-
-
-
-
TC1SF
-
-
-
-
-
-
-
F
Bank 0
0x1C
IMR2
-
-
-
-
-
-
-
TC1IE
-
-
-
-
-
-
-
R/W
6.9.1 Timer/Counter Mode
Data Bus
8-bit up counter
TCxDB
TCxDA
Comparator
TCxCR
TCxM2~0
TCx pin
TCxCK
TC1S
4
TCx
interrupt
TCxM2~0=timer/counter mode
MUX
fc/2
15
M
fc/2
0
clear
Figure 6-12a Timer/Counter Mode Block Diagram
In Timer/Counter mode, counting up is performed using internal clock or TCx pin. When
the contents of the up-counter are matched with the TCxDA, an interrupt is generated and
the counter is cleared. Counting up resumes after the counter is cleared. The current
contents of the up-
counter are loaded into TCxDB by setting TCxRC to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com