Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 114 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 114 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 110Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 111Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 112Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 113Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 114Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 115Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 116Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 117Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 118Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 158 page
background image
eKTF6708
8-Bit Microcontroller
104
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
The PDO pin is initialized to “0” during reset. A TCx interrupt is generated each time the
PDO output is toggled.
0
1
3
n-1 n 0
n-1
n-1
Clock source
Up-counter
TCxDA
TCx Interrupt
n
2
2
n
PDO pin
(TCxFF = 0)
PDO pin
(TCxFF = 1)
1
1
n 0
2
1
0
2
3
3
Figure 6-15b PDO Mode Waveform
Pulse Width Modulation (PWM)
In Pulse Width Modulation (PWM) Output mode, counting up is performed using the
internal clock with prescaler. The Duty of PWMx is controlled by TCxDB, and the period of
PWMx is controlled by TCxDA. The pulse at the PWMx pin is held to high levels as long as
TCxS=1 or timerx matches TCxDA, while the pulse is held to low levels as long as Timerx
matches TCxDB. Once TCxFF is set to 1, PWMx signal is inverted. A TCx interrupt is
generated and defined by TCxIS. On the other hand, the TCxDA and TCxDB can be
written anytime, but the data of TCxDA and TCxDB can only be latched when writing
TCxDA0. Therefore, the new duty and new period of PWM appear at the PMW pin during
the last period
–match.
0
1
n-1
n n+1
m-1 m
0
n+1
m-1 m
0
Clock source
Up-counter
Duty
TCx Interrupt
n
n+2
PWM
duty-match
period-match
n-1
n
n+2
m+1
p
p-1
1
p
Period
m
q
Writing period register
period-match
Writing duty register
duty-match
duty-match
n
p+1 p+2
q-1
q
period-match
p
q+1
Figure 6-15c PWM Mode Waveform
6.9.5 Buzzer Mode
The TCx pin outputs the clock after dividing the frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com