Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 115 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 115 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 111Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 112Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 113Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 114Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 115Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 116Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 117Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 118Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 119Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 105
(This specification is subject to change without prior notice)
6.10 SPI (Serial Peripheral Interface)
R_BANK
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bank 0
0X36
SPICR
CES
SPIE
SRO
SSE
SDOC
SBRS2
SBRS1
SBRS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Bank 0
0X37
SPIS
DORD
TD1
TD0
-
OD3
OD4
-
RBF
R/W
R/W
R
-
R/W
R/W
-
R/W
Bank 0
0X38
SPIR
SRB7
SRB6
SRB5
SRB4
SRB3
SRB2
SRB1
SRB0
R
R
R
R
R
R
R
R
Bank 0
0X39
SPIW
SWB7
SWB6
SWB5
SWB4
SWB3
SWB2
SWB1
SWB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0X17
SFR4
-
-
-
-
SPISF
-
-
-
-
-
-
-
R/W
-
-
-
Bank 0
0X1E
IMR4
-
-
-
-
SPIIE
-
-
-
-
-
-
-
R/W
-
-
-
6.10.1 Overview and Features
Overview:
Figures 6-8a and 6-8b show how the eKTF6708 communicates with other devices through
SPI module. If the eKTF6708 is the Master controller, it will send clock through the SCK
pin. A couple of 8-bit data are transmitted and received at the same time. However, if the
eKTF6708 is defined as a Slave, its SCK pin could be programmed as an input pin. Data
will continue to be shifted based on both clock rate and the selected edge. User can also
set the –
SPIS Bit 7 (DORD) to determine the SPI transmission order,
SPICR Bit 3 (SDOC) to control SDO pin after serial data output status,
SPIS Bit 6 (TD1) and Bit 5 (TD0) to determine the SDO status output delay times.
Features:
1)
Operation in either Master mode or Slave mode
2)
Three-wire or four-wire full duplex synchronous communication
3)
Programmable baud rates of communication
4)
Programmable clock polarity (Bank 0 R36 Bit 7)
5)
Interrupt flag available for read buffer full
6)
SPI transmission order
7)
SDO status select after serial data output
8)
SDO status output delay time
9)
SPI handshake pin
10)
Up to 8 MHz (maximum) bit frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com