Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 30 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 30 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 26Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 27Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 28Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 29Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 30Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 31Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 32Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 33Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 34Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 158 page
background image
eKTF6708
8-Bit Microcontroller
20
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.13 Bank 0 R12: WUCR3 (Wake-up Control Register 3)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
ICWKP7
ICWKP6
ICWKP5
-
-
-
-
-
R/W
R/W
R/W
-
-
-
-
Bits 7, 3~0:
Not used. Set to "0" all the time.
Bits 6~4 (ICWKP7~ICWKP5): Pin change Wake-up enable for Ports 7/6/5.
0: Disable wake-up function
1: Enable wake-up function
Wake-up
Signal
Condition
Signal
Sleep Mode
Idle Mode
Green Mode
Normal Mode
DISI
ENI
DISI
ENI
DISI
ENI
DISI
ENI
Pin
Change
INT
ICWKPx =
0,
PxICIE = 0
Wake-up is invalid
Interrupt is invalid
ICWKPx =
0,
PxICIE = 1
Wake-up is invalid
Next
Instruction
Interrupt +
Interrupt
Vector
Next
Instruction
Interrupt +
Interrupt
Vector
ICWKPx =
1,
PxICIE = 0
Wake-up +
Next Instruction
Interrupt is invalid
ICWKPx =
1,
PxICIE = 1
Wake-up +
Next
Instruction
Wake-up +
Interrupt
Vector
Wake-up +
Next
Instruction
Wake-up +
Interrupt
Vector
Next
Instruction
Interrupt +
Interrupt
Vector
Next
Instruction
Interrupt +
Interrupt
Vector
NOTE
When the MCU wakes up from Sleep or Idle mode, the ICSF must equal to 1. If ICSF is
equal to 0, it means the pin status does not change or the pin change ICIE is disabled.
Hence the MCU cannot wake-up.
6.1.14 Bank 0 R13: (Reserved)
6.1.15 Bank 0 R14: SFR1 (Status Flag Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
LVDSF
ADSF
EXSF1
EXSF0
-
TCSF
-
-
F
F
F
F
-
F
Each corresponding status flag is set to "1" when interrupt condition is triggered.
Bits 7~6, 1: Not used, set to "0" all the time
Bit 5 (LVDSF): Low Voltage Detector status flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com