Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 52Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 53Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 54Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 55Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 56Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 57Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 58Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 59Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 60Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 158 page
background image
eKTF6708
8-Bit Microcontroller
46
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.74 Bank 1 R19: PRDAH (High Byte of PWMA Period)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PRDA15
PRDA14
PRDA13
PRDA12
PRDA11
PRDA10
PRDA9
PRDA8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (PRDA15~8): The contents of the register are high bytes of PWMA period
6.1.75 Bank 1 R1A: DTAL (Low Byte of PMWA Duty)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DTA7
DTA6
DTA5
DTA4
DTA3
DTA2
DTA1
DTA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (DTA7~0): The contents of the register are low bytes of the PWMA duty.
6.1.76 Bank 1 R1B: DTAH (High Byte of PMWA Duty)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DTA15
DTA14
DTA13
DTA12
DTA11
DTA10
DTA9
DTA8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (DTA15~8): The contents of the register are high bytes of the PWMA duty.
6.1.77 Bank 1 R1C: TMRAL (Low Byte of Timer A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMRA7
TMRA6
TMRA5
TMRA4
TMRA3
TMRA2
TMRA1
TMRA0
R
R
R
R
R
R
R
R
Bits 7~0 (TMRA7~0): The contents of the register are low bytes of the PWMA timer which
is counting. This is read-only.
6.1.78 Bank 1 R1D: TMRAH (High Byte of Timer A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMRA15
TMRA14
TMRA13
TMRA12
TMRA11
TMRA10
TMRA9
TMRA8
R
R
R
R
R
R
R
R
Bits 7~0 (TMRA15~8): The contents of the register are high bytes of the PWMA timer
which is counting. This is read-only
6.1.79 Bank 1 R1E: PWMBCR (PWMB Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PWMBE
-
-
-
TBEN
TBP2
TBP1
TBP0
R/W
-
-
-
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com