Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 33Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 34Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 35Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 36Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 37Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 38Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 39Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 40Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 27
(This specification is subject to change without prior notice)
1: Indicate that the frequency has stabilized.
0: Indicate that the frequency is unstable.
Bits 5~4: Not used. Set to "0" all the time.
Bit 3 (PSWE): Prescaler enable bit for WDT
0: Prescaler disable bit. WDT rate is 1:1.
1: Prescaler enable bit. The WDT rate is set at Bits 2~0.
Bits 2~0 (WPSR2~WPSR0): WDT Prescaler bits
WPSR2
WPSR1
WPSR0
WDT Rate
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
6.1.29 Bank 0 R22: TCCCR (TCC Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
TCCS
-
-
PSTE
TPSR2
TPSR1
TPSR0
-
R/W
-
-
R/W
R/W
R/W
R/W
Bit 7:
Not used. Set to “0” all the time.
Bit 6 (TCCS): TCC Clock Source select bit
0: Fs (sub clock)
1: Fm (main clock)
Bits 5~4:
Not used. Set to “0” all the time.
Bit 3 (PSTE): Prescaler enable bit for TCC
0: Prescaler disable bit. TCC rate is 1:1.
1: Prescaler enable bit. TCC rate is set at Bit 2 ~ Bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com