Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 7Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 8Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 9Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 10Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 11Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 12Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 13Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 14Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 1
(This specification is subject to change without prior notice)
1
General Description
The eKTF6708 is an 8-bit microprocessor designed and developed with low-power and high-speed CMOS
technology. It has a built-in 6K16-bit programmable ROM and is equipped with touch sensors. The
capacitive touch key sensor uses plastic or glass substrate as cover.
The system controller converts fingertip position data into button presses, depending on finger location
and human interface context. The eKTF6708 OCD can be used to develop user program for this
microcontroller and several other ELAN Flash type ICs.
2
Features
CPU configuration
Supports 6K
16 bits program ROM
(48+1024) bytes general purpose register.
16-level stacks for subroutine nesting
3 programmable Level Volt Reset
LVR: 4.3V, 3.5V, 2.3V
1 sets of 4 programmable Level Voltage Detector
LVD: 4.6V, 3.9V, 2.5V, 2.2V
Four CPU operation modes (Normal, Green, Idle,
Sleep)
I/O port configuration
3 bidirectional I/O ports: P5 ~ P7
3 programmable pin change wake-up ports:
P5~P7
3 programmable pull-down I/O ports: P5~P7
3 programmable pull-high I/O ports: P5~P7
3 programmable open-drain I/O ports: P5~P7
3 programmable high-sink/drive I/O ports: P5~P7
High-drive 30mA(typically)
High-sink 70mA(typically)
Operating voltage range:
2.0V~5.5V at -40C~85C (industrial)
Operating frequency range (base on two clocks):
Main oscillator:
IRC mode:
Internal
RC
Frequency
Drift Rate
Temperature(-40℃~+85℃)
+ Voltage(2.0V~5.5V)
Process
Total
4MHz
±1.3%
±0.7%
±2%
8MHz
±1.3%
±0.7%
±2%
12MHz
±1.3%
±0.7%
±2%
16MHz
±1.3%
±0.7%
±2%
Sub oscillator:
IRC mode: 16K/32K
Peripheral configuration
8-bit real time clock (TCC) with selective signal
sources, trigger edges, and overflow interrupt
Three Pulse Width Modulation (PWMA, PWMB,
PWMC) with 16-bit resolution shared with Timers A, B
and C
One 8-bit timer TC1 with six modes:
Timer/Counter/Capture/Window/Buzzer/PWM/ PDO
(Programmable Divider Output) modes.
Touch key function 8 traces for 1 groups
2-channel Analog-to-Digital converter with 12bit
resolution + 1 internal reference for Vref & Vref power
detector
Serial transmitter/receiver interface (SPI): 3-wire
synchronous communication
I2C function with 7/10 bits address and 8 bits data
transmit/receive mode
Universal asynchronous receiver/transmitter (UART)
available
Power down (Sleep) mode
Idle with scan mode
18 available interrupts: (2 external, 21 internal)
External interrupt: P51, P60
TCC overflow interrupt
Input-port status changed interrupt (wake up from
sleep mode)
PWMA/PWMB/PWMC period match completion
TC1 interrupt
I
2C transfer/receive/stop interrupt
SPI interrupt
UART TX, RX , RX error interrupt
LVD interrupt
System hold interrupt
ADC completion interrupt
TK Scan interrupt
Single instruction cycle commands
Package Type:
 16 SOP(150mil) : eKTF6708SO16A
 16 QFN(3*3*0.8mm) : eKTF6708QN16
Note: These are all Green products which do not contain
hazardous substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com