Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 46Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 47Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 48Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 49Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 50Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 51Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 52Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 39
(This specification is subject to change without prior notice)
VREFP[1:0]
Reference Voltage Selection
00
VDD
01
Internal VREF*
10
External VREF(Pin)
11
NA
NOTE
When using internal voltage reference, users need to wait 35us at least the first time to
enable and stabilize the internal voltage reference circuit. After that, users need to wait
1500us(Low pass filter stable time) at least then set ADLPFEN enable, whenever
switching voltage references.
6.1.49 Bank 0 R40: ADISR (Analog to Digital Converter Input Channel
Selection Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
-
ADIS1
ADIS0
-
-
-
-
-
-
R/W
R/W
Bits 7~2: Not used, set to "0" all the time.
Bits 3~0 (ADIS4~0): ADC input channel selection bits
ADIS[1:0]
Selected Channel
00
ADC0
01
ADC1
1x*
Internal Voltage Reference(VDD PowerDet. )
Note:
*: For internal signal source use. Users only need to set ADIS1=1, these AD input channels
are active instantly Reference Voltage, internal Vref stable time 35 µs.
6.1.50 Bank 0 R41: ADER1 (Analog to Digital Converter Input Control
Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
-
ADE1
ADE0
-
-
-
-
-
-
R/W
R/W
Bits 7~2: Not used, set to "0" all the time.
Bit 1 (ADE1): AD converter enable bit of P71 pin.
0: Disable ADC1, P71/AD1 act as I/O pin
1: Enable ADC1, act as analog input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com