Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 63 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 63 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 59Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 60Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 61Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 62Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 63Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 53
(This specification is subject to change without prior notice)
6.1.100 Bank 1 R44: FLKR (Flash Key Register for Table write use)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FLK[7]
FLK[6]
FLK[5]
FLK[4]
FLK[3]
FLK[2]
FLK[1]
FLK[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
This FLASHKEY register is used by table write IAP mode operation. The IAP enable signal
is generated when a specific value is written into this register, e.g., 0xB4. The register is
designed to make sure that IAP operation occurs for flash update. Written into register
value 0XC5. The register is designed to make sure that IAP lock.
6.1.101 Bank 1 R45: TBPTL (Table Point Low Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TB7
TB6
TB5
TB4
TB3
TB2
TB1
TB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TB7~TB0): Table Point Address Bits 7~0.
6.1.102 Bank 1 R46: TBPTH (Table Point High Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HLB
-
-
TB12
TB11
TB10
TB9
TB8
R/W
-
-
R/W
R/W
R/W
R/W
R/W
Bit 7 (HLB): Obtain MLB or LSB at machine code of ROM or Data area.
0: the address of read byte value is Bit7 ~Bit0
1: the address of read byte value is Bit15~Bit8
Bits 6~5: unused bit, set to 0 all the time
Bits 4~0 (TB12~TB8): Table point Address Bits 12~8.
6.1.103 Bank 1 R47: STKMON (Stack Pointer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STOV
-
-
-
STL3
STL2
STL1
STL0
R
-
-
-
R
R
R
R
Bit 7 (STOV): Stack pointer overflow indicator bit. Read only.
Bits 4~0 (STL3~0): Stack pointer number. Read only.
6.1.104 Bank 1 R48: PCH (Program Counter High)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
PC11
PC10
PC9
PC8
-
-
-
-
R/W
R/W
R/W
R/W
Bits 7~4:
Not used. Set to “0” all the time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com