Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 37Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 38Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 39Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 40Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 41Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 42Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 31
(This specification is subject to change without prior notice)
Bits 7~0 (TC1DB7~TC1DB0): Data Buffer B of 8 bit Timer/Counter 1
NOTE
1.
When Timer/Counter x is used as PWM mode, the duty value stored at register
TCxDB must be less than or equal to the period value stored at register TCxDA. i.e.,
duty
≦ period. And then the PWM waveform is generated. If duty value is greater than
period value, the PWM output waveform will be kept at high voltage levels.
2.
The period value set by users is extra plus 1 in inner circuit.
For example:
The period value is set as 0x4F, the circuit actually processes 0x50 period length.
The period value is set as 0xFF, the circuit actually processes 0x100 period length.
6.1.35 Bank 0 R28 ~ R2F: (Reserved)
6.1.36 Bank 0 R30: I2CCR1 (I2C Status and Control Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Strobe/Pend
IMS
ISS
STOP
SAR_EMPTY
ACK
FULL
EMPTY
R/W
R/W
R/W
R/W
R
R
R
R
Bit 7 (Strobe/Pend): In Master mode, it is used as strobe signal to control I
2C circuit in
sending SCL clock. Automatically reset after receiving or
transmitting handshake signal (ACK or NACK). In Slave mode, it is
used as pending signal. User should clear it after writing data into
Tx buffer or taking data from Rx buffer to inform Slave I
2C circuit to
release SCL signal.
Bit 6 (IMS):
I
2C Master/Slave mode select bit
0: Slave (Default)
1: Master
Bit 5 (ISS):
I
2C C Fast/Standard mode select bit (if Fm is 4 MHz and
I2CTS1~0<0,0>)
0: Standard mode (100K bit/s)
1: Fast mode (400K bit/s)
Bit 4 (STOP):
In Master mode, if STOP=1 and R/nW=1, then MCU must return
nACK signal to Slave device before sending STOP signal. If
STOP=1 and R/nW=0, then MCU sends STOP signal after receiving
an ACK signal. MCU resets when it sends STOP signal to Slave
device.
In Slave mode, if STOP=1 and R/nW=0, then MCU must return
nACK signal to Master device.
Bit 3 (SAR_EMPTY): Set when MCU transmits 1 byte data from I
2C Slave Address
Register and receive ACK (or nACK) signal. Reset when MCU
writes 1 byte data to I
2C Slave Address Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com