Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 64 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 64 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 60Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 61Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 62Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 63Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 158 page
background image
eKTF6708
8-Bit Microcontroller
54
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bits 3~0 (PC11~PC8): The high byte of program counter
6.1.105 Bank 1 R49: HLVDCR (High / Low Voltage Detector Control
Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HLVDEN
IRVSF
VDSB
VDM
-
-
HLVDS1
HLVDS0
R/W
R
R
R/W
-
-
R/W
R/W
Bit 7 (HLVDEN): High/Low Voltage Detector Enable Bit
0: Disable low voltage detector (
LVD function related setting must be disabled
in HLVDEN)
1: Enable low voltage detector
Bit 6 (IRVSF): Internal Reference Voltage Stable Flag bit
1: Indicate that the voltage detect logic will generate the interrupt flag at the
specified voltage range
0: Indicate that the voltage detect logic will not generate the interrupt flag at the
specified voltage range and the HLVD interrupt should not be enabled
Bit 5 (VDSB): Voltage Detector State Bit. This is a read only bit.
1: VDD > HLVD trip point (HLVDS<1:0>)
0: VDD < HLVD trip point (HLVDS<1:0>)
Bit 4 (VDM): Voltage Direction Magnitude Select bit
1: Event occurs when voltage equals or exceeds trip point (HLVDS<1:0>)
0: Event occurs when voltage equals or falls below trip point (HLVDS<1:0>)
HLVDIE
HLVDEN
VDM
IRVSF
VDSB
HLVDSF
Interrupt
0
1
1
1
0->1
0->1
Not happened
0
1
1
1
1->0
0
Not happened
0
1
0
1
0->1
0
Not happened
0
1
0
1
1->0
0->1
Not happened
1
0
X
X
X
0
Not happened
1
1
X
0
X
0
Not happened
1
1
1
1
0->1
0->1
Happened
1
1
1
1
1->0
0
Not happened
1
1
0
1
0->1
0
Not happened
1
1
0
1
1->0
0->1
Happened
Bits 3~2: Not used, set to "0" all the time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com