Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 75 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 75 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 71Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 72Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 73Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 74Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 75Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 76Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 77Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 78Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 79Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 65
(This specification is subject to change without prior notice)
6.3 I/O Ports
The I/O registers, Port 5~Port 7 are bidirectional tri-state I/O ports. All can be pulled high
and pulled low internally by software. Furthermore, they can also be set as open-drain
output and high sink/drive by software. Ports 5~7 features wake-up and interrupt function
as well as input status change interrupt function. Each I/O pin can be defined as "input" or
"output" pin by the I/O control register (IOC5 ~ IOC7).
The I/O registers and I/O control registers are both readable and writable. The I/O
interface circuits for Port 5 ~ Port 7 are shown in the following Figures 6-4a to 6-4d.
PCWR
PCRD
PDWR
PDRD
IOD
0
1
M
U
X
PORT
Q
Q
_
D
D
Q
Q
_
CLK
P
R
C
L
CLK
C
L
P
R
Note: Pull-down is not shown in the figure.
Figure 6-4a I/O Port and I/O Control Register for Port 5~7 Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com