Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 29Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 30Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 31Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 32Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 33Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 34Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 35Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 36Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 23
(This specification is subject to change without prior notice)
Bit 1 (TKOESF): Touch Key Counter Overflow Error status flag. Set when Touch Key timer
overflows, reset by software
Bit 0 (TKSF): Status flag for Touch Key Conversion. Set when Touch Key conversion is
completed, reset by software (except idle with scan mode condition)
6.1.21 Bank 0 R1A: (Reserved)
6.1.22 Bank 0 R1B: IMR1 (Interrupt Mask Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
LVDIE
ADIE
EXIE1
EXIE0
-
TCIE
-
-
R/W
R/W
R/W
R/W
-
R/W
Bits 7~6, 1: Not used, set to "0" all the time.
Bit 5 (LVDIE): LVDSF interrupt enable bit.
0: Disable LVDSF interrupt
1: Enable LVDSF interrupt
Bit 4 (ADIE): ADSF interrupt enable bit.
0: Disable ADSF interrupt
1: Enable ADSF interrupt.
Bit 3 (EXIE1): EXSF1 interrupt enable and /INT1 function enable bit.
0: P60/TC1/TK1/INT1 is P60/TC1/TK1 pin, EXSF1 always equals 0.
1: Enable EXSF1 interrupt and P60/TC1/TK1 is /INT1 pin
Bit 2 (EXIE0): EXSF0 interrupt enable and /INT0 function enable bit.
0: P51/SI/SDA0/RX/INT0 is P51/SI/SDA0/RX pin, EXSF0 always equals 0.
1: Enable EXSF0 interrupt and P51/SI/SDA0/RX is /INT0 pin
Bit 0 (TCIE): TCSF interrupt enable bit.
0: Disable TCSF interrupt
1: Enable TCSF interrupt
NOTE
If the interrupt mask and instruction
“ENI” are enabled, the program counter will jump into
the corresponding interrupt vector when the corresponding status flag is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com