Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 2Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 3Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 4Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 5Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 6Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 7Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 8Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 9Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 158 page
background image
Contents
vi
IC Product Specification (V1.2) 03.12.2020
6.1.112 Bank 2 R7: TKASCR (Touch Key Group A Select Control Register)..............57
6.1.113 Bank 2 R8 ~ RC: (Reserved)..........................................................................57
6.1.114
Bank 2 RD: TKCR (Touch Key Control Register) ..........................................57
6.1.115 Bank 2 RE: TKCCR (Touch Key Calculate Cycle Register) ...........................58
6.1.116 Bank 2 RF: TKCSR (Touch Key Calculate Step Register) .............................58
6.1.117 Bank 2 R10: TKCTR (Touch Key Calculate Time Register) ...........................59
6.1.118 Bank 2 R11: TKSWR (Touch Key Sensing Window Register) .......................59
6.1.119 Bank 2 R12: TKAH (The Most Significant Byte of A Group Touch Key Buffer)
........................................................................................................................
59
6.1.120 Bank 2 R13: TKAL (The Least Significant Byte of A Group Touch Key Buffer)
........................................................................................................................
59
6.1.121 Bank 2 R14 ~R15: (Reserved) .......................................................................59
6.1.122 Bank 2 R16: TKSCR (Touch Key idle Scan Control Register) .......................59
6.1.123 Bank 2 R17: TKA1WBH (TK Group A idle Scan Wakeup Base High byte
Register 1) ......................................................................................................60
6.1.124 Bank 2 R18: TKA1WBL (TK Group A idle Scan Wakeup Base Low byte
Register 1) ......................................................................................................61
6.1.125 Bank 2 R19: TKA1WR (Touch Key of Group A idle scan Wakeup Range
Register 1) ......................................................................................................61
6.1.126 Bank 2 R1A: TKA2WBH (TK Group A idle Scan Wakeup Base High byte
Register 2) ......................................................................................................61
6.1.127 Bank 2 R1B: TKA2WBL (TK Group A idle Scan Wakeup Base Low byte
Register 2) ......................................................................................................61
6.1.128 Bank 2 R1C: TKA2WR (Touch Key of Group A idle scan Wakeup Range
Register 2) ......................................................................................................61
6.1.129 Bank 2 R1D ~ R22: (Reserved)......................................................................62
6.1.130 Bank 2 R23: TKITOR (Touch Key idle scan time out counter Register).........62
6.1.131 Bank 2 R24 ~ R46: (Reserved) ......................................................................62
6.1.132 Bank 2 R47: LOCKPR (Lock Page Number Register) ...................................62
6.1.133 Bank 2 R48: LOCKCR (Lock Control Register)..............................................63
6.1.134 Bank 2 R49 ~ R4F: (Reserved) ......................................................................63
6.1.135 R50~R7F, Banks 0~3 R80~RFF.....................................................................63
6.2 TCC/WDT and Prescaler ................................................................................ 64
6.3 I/O Ports ......................................................................................................... 65
6.3.1
Usage of Ports 5~7 Input Change Wake-up/Interrupt Function .....................67
6.4 Reset and Wake-up ........................................................................................ 68
6.4.1
Summary of Wake-up and Interrupt Mode Operation ....................................69
6.4.2
The Status of RST, T, and P of the Status Register .......................................72
6.4.3
Summary of Register Initial Values after Reset ..............................................73
6.5 Interrupt .......................................................................................................... 85
6.6 A/D Converter................................................................................................. 87
6.6.1
ADC Data Register .........................................................................................88
6.6.2
A/D Sampling Time.........................................................................................88
6.6.3
A/D Conversion Time......................................................................................88
6.6.4
ADC Operation during Sleep Mode ................................................................88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com