Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 113 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 113 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 109Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 110Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 111Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 112Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 113Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 114Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 115Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 116Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 117Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 103
(This specification is subject to change without prior notice)
again. If overflow before the edge is detected, the FFH is loaded into TCxDA and an
overflow interrupt is generated. During interrupt processing, user can determine whether
or not there is an overflow by checking if the TCxDA value is FFH. After an interrupt
(capture to TCxDA or overflow detection) is generated, capture and overflow detection are
halted until TCxDA is read out.
K-2
K-1 K 0
1
m-1
m m+1
n-1 n 0
1
2
3
FE FF 0
1
2
3
Clock source
Up-counter
TCx pin input
TCxDA
TCxDB
TCx Interrupt
Reading TCxDA
K
m
n
FF (overflow)
FE
capture
capture
overflow
Figure 6-14b Capture Mode Waveform
6.9.4 Programmable Divider Output Mode and Pulse Width
Modulation Mode
Data Bus
8-bit up counter
TCxDB
Comparator
TCxCR
TCxCK2~0
TCxS
4
MUX
match
toggle
Q
TCx interrupt
PWMx,PDOx pin
TCxFF
TCxM2~0=101
F/F
clear
fc/2
15
fc/2
0
TCxDA
Comparator
match
TCxM2~0=10x
TCxDB_buffer1
TCxDA_buffer1
TCxDA_buffer1
TCxDB_buffer2
TCxDA_buffer2
Write TCxDA[0]
Figure 6-15a PDO/PWM Mode Block Diagram
Programmable Divider Output (PDO)
In Programmable Divider Output (PDO) mode, counting up is performed using the internal
clock. The contents of TCxDA are compared with the contents of the up- counter. The F/F
output is toggled and the counter is cleared each time a match is found. The F/F output is
inverted and output to PDO pin. This mode can generate 50% of the duty pulse output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com