Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 118 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 118 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 114Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 115Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 116Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 117Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 118Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 119Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 120Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 121Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 122Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 158 page
background image
eKTF6708
8-Bit Microcontroller
108
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
The following explains the functions of each block in the above figures as SPI carries out
communication with the depicted signals:
P51/SI: Serial Data In
P52/SO: Serial Data Out
P53/SCK: Serial Clock
P50//SS: /Slave Select (Option). This pin (/SS) may be required during Slave mode.
RBF: Set by Buffer Full Detector
Buffer Full Detector: Set to 1 when an 8-bit shifting is completed.
SSE: Load the data in SPIS register, and begin shifting. The SSE bit will be kept in
“1” if the communication is still undergoing. This flag must be cleared as shifting is
completed. You can determine if the next write attempt is available.
SPIS reg.: Shifting byte in and out. The MSB is shifted first. Both the SPIR and the
SPIW registers are shifted at the same time. Once data is written, SPIS starts
transmitting/receiving. The received data will be moved to the SPIR register as the
shifting of the 8-bit data is completed. The RBF (Read Buffer Full) flag and the SPISF
(SPI Interrupt) flag are then set.
SPIR reg.: Read buffer. The buffer is updated as the 8-bit shifting is completed. The
data must be read before the next reception is completed. The RBF flag is cleared as
the SPIR register reads.
SPIW reg.: Write buffer. The buffer will deny any attempts to write until the 8-bit
shifting is completed.
SBRS2~SBRS0: Programming of the clock frequency/rates and sources.
Clock Select: Select either the internal or the external clock as shifting clock.
Edge Select: Select the appropriate clock edges by programming the CES bit
6.10.3 SPI Signal and Pin Description
The detailed functions of the four pins, SI, SO, SCK, and /SS are as follows:
 P52/SI/TPA2:
Serial Data In
Receive sequentially, the Most Significant Bit (MSB) first, Least Significant Bit (LSB)
last.
Defined as high-impedance if not selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com