Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 16Page - National Semiconductor (TI) CS4210 Datasheet HTML 17Page - National Semiconductor (TI) CS4210 Datasheet HTML 18Page - National Semiconductor (TI) CS4210 Datasheet HTML 19Page - National Semiconductor (TI) CS4210 Datasheet HTML 20Page - National Semiconductor (TI) CS4210 Datasheet HTML 21Page - National Semiconductor (TI) CS4210 Datasheet HTML 22Page - National Semiconductor (TI) CS4210 Datasheet HTML 23Page - National Semiconductor (TI) CS4210 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
www.national.com
20
Revision 1.0
Operational Description (Continued)
Table 3-7. Packet Event Codes
Code
Name
DMA
Description
00h
evt_no_status
AT, AR,
IT, IR
No event status.
001h
Reserved
--
Reserved
02h
evt_long_packet
IR
The received data length was greater than the buffer’s data_length.
03h
evt_missing_ack
AT
A subaction gap was detected before an ack arrived or the received ack had a parity
error.
04h
evt_underrun
AT, IT
Underrun on the corresponding FIFO. The packet was truncated.
05h
evt_overrun
IR
A receive FIFO overflowed during the reception of an isochronous packet.
06h
evt_descriptor_read
AT, AR,
IT, IR
An unrecoverable error occurred while the CS4210 was reading a descriptor block.
07h
evt_data_read
AT, IT
An error occurred while the CS4210 was attempting to read from host memory in the
data stage of descriptor processing.
08h
evt_data_write
AR, IR, IT
An error occurred while the CS4210 was attempting to write to host memory either in the
data stage of descriptor processing (AR, IR), or when processing a single 16-bit host
memory write (IT).
09h
evt_bus_reset
AR
Identifies a CS4103 packet in the receive buffer as being the synthesized bus reset
packet. (See Section 3.8 "Bus Resets" on page 30.)
0Ah
evt_timeout
AT
Indicates that the asynchronous transmit response packet expired and was not transmit-
ted.
0Bh
evt_tcode_err
AT, IT
A bad tCode is associated with this packet. The packet was flushed.
0Ch-0Dh
Reserved
--
Reserved
0Eh
evt_unknown
AT, AR,
IT, IR
An error condition has occurred that cannot be represented by any other event codes
defined herein.
0Fh
evt_flushed
AT
Sent by the link side of the output FIFO when asynchronous packets are being flushed
due to a bus reset.
10h
Reserved
---
Reserved for definition by future 1394 standards.
11h
ack_complete
AT, AR,
IT, IR
For asynchronous request and response packets, this event indicates the destination
node has successfully accepted the packet. If the packet was a request subaction, the
destination node has successfully completed the transaction and no response subaction
follows. The event code for transmitted CS4103, isochronous, asynchronous stream and
broadcast packets, none of which yields a 1394 ack code, are set by hardware to
ack_complete unless an event occurs.
12h
ack_pending
AT, AR
The destination node has successfully accepted the packet. If the packet was a request
subaction, a response subaction follows at a later time. This code is not returned for a
response subaction.
13h
Reserved
---
Reserved for definition by future 1394 standards.
14h
ack_busy_X
AT
The packet could not be accepted after max ATRetries (see Section 4.4.3 "ATRetries
Register" on page 59) attempts, and the last ack received was ack_busy_X.
15h
ack_busy_A
AT
The packet could not be accepted after max ATRetries (see Section 4.4.3 "ATRetries
Register" on page 59) attempts, and the last ack received was ack_busy_A.
16h
ack_busy_B
AT
The packet could not be accepted after max AT Retries (see Section 4.4.3 "ATRetries
Register" on page 59) attempts, and the last ack received was ack_busy_B.
17h-1Ah
Reserved
Reserved for definition by future 1394 standards.
1Bh
ack_tardy
AT
The destination node could not accept the packet because the link and higher layers are
in a suspended state.
1Ch
Reserved
---
Reserved for definition by future 1394 standards.
1Dh
ack_data_error
AT, IR
The destination node could not accept the block packet because the data field failed the
CRC check, or because the length of the data block payload did not match the length
contained in the data_length field. This code is not returned for any packet that does not
have a data block payload.
1Eh
ack_type_error
AT, AR
A field in the request packet header was set to an unsupported or incorrect value, or an
invalid transaction was attempted (e.g., a write to a read-only address).
1Fh
Reserved
---
Reserved for definition by future 1394 standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com