Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 81Page - National Semiconductor (TI) CS4210 Datasheet HTML 82Page - National Semiconductor (TI) CS4210 Datasheet HTML 83Page - National Semiconductor (TI) CS4210 Datasheet HTML 84Page - National Semiconductor (TI) CS4210 Datasheet HTML 85Page - National Semiconductor (TI) CS4210 Datasheet HTML 86Page - National Semiconductor (TI) CS4210 Datasheet HTML 87Page - National Semiconductor (TI) CS4210 Datasheet HTML 88Page - National Semiconductor (TI) CS4210 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
Revision 1.0
85
www.national.com
Register Descriptions (Continued)
4.4.26.2 Isoch Transmit Command Pointer
The CommandPtr register (Table 4-51) specifies the
address of the context program which is executed when a
ITDMA context is started. All descriptors are 16-byte
aligned, so the four least-significant bits of any descriptor
address must be zero. The four least-significant bits of the
CommandPtr register are used to encode a Z value that
indicates how many physically contiguous descriptors are
pointed to by descriptorAddress.
These registers are repeated at offsets of 10h times the
context number (see Table 4-49 on page 84 for offset
address assignment).
Table 4-50. IsochTxnContextControl Set/Clear Register
Bit
Name
Access
Reset
Description
31
cycleMatchEnable
RSCU
Undef
Cycle Match Enable: When set to one, processing occurs such that the
packet described by the context’s first descriptor block is transmitted in the
cycle whose number is specified in the cycleMatch field of this register. The
15-bit cycleMatch field must match the low order two bits of cycleSeconds
and the 13-bit cycleCount field in the cycle start packet that is sent or
received immediately before isochronous transmission begins. Since the
ITDMA controller may work ahead, the processing of the first descriptor
block may begin slightly in advance of the actual cycle in which the first
packet is transmitted. The effects of this bit are impacted by the values of
other bits in this register and are explained in descriptions below. Once the
context has become active, hardware clears the cycleMatchEnable bit.
30:16
cycleMatch
RSC
Undef
Cycle Match: Contains a 15-bit value, corresponding to the low order two
bits of the bus IsochCycleTimer.cycleSeconds and the 13-bit IsochCy-
cleTimer.cycleCount field (BAR0+Offset F0h). If ContextControl.cycleM-
atchEnable is set, then this ITDMA context becomes enabled for transmits
when the low order two bits of the bus IsochCycleTimer.cycleSeconds and
IsochCycleTimer.cycleCount value equals the cycleMatch value.
15
run
RSCU
0
Run: The run bit is set by software to enable descriptor processing for a
context and cleared by software to stop descriptor processing. The CS4210
only changes this bit on a hardware or software reset to set it to 0. See Sec-
tion 3.3.2.1 "ContextControl.run" on page 21 for details.
14:13
RSVD
--
0
Reserved
12
wake
RSU
Undef
Wake: Software sets this bit to 1 to cause the CS4210 to continue or
resume descriptor processing. The CS4210 clears this bit on every descrip-
tor fetch. See Section 3.3.2.2 "ContextControl.wake" on page 21 for details.
11
dead
RU
0
Dead: The CS4210 sets this bit when it encounters a fatal error and clears
this bit when software clears the run bit. See Section 3.3.2.4 "ContextCon-
trol.dead" on page 21 for details.
10
active
RU
0
Active: The CS4210 sets this bit to 1 when it is processing descriptors. See
Section 3.3.2.3 "ContextControl.active" on page 21 for details.
9:5
RSVD
--
0
Reserved
4:0
event code
RU
Undef
Event Code: Following an OUTPUT_LAST* command, the error code is
indicated in this field. Possible values are: ack_complete, evt_underrun,
evt_descriptor_read, evt_data_read, evt_tcode_err and evt_unknown.
Table 4-51. IsochTxnCommandPtr Register
Bit
Name
Access
Reset
Description
31:4
descriptorAddress
RWU
Undef
Descriptor Address: Contains the upper 28 bits of the address of a 16-
byte aligned descriptor block. See Section 3.3.2.5 "CommandPtr" on page
22 for details.
3:0
Z
RWU
Undef
Z: Indicates the number of contiguous 16-byte aligned blocks at the
address pointed to by descriptorAddress. If Z is 0, it indicates that the
descriptorAddress is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com