Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 83Page - National Semiconductor (TI) CS4210 Datasheet HTML 84Page - National Semiconductor (TI) CS4210 Datasheet HTML 85Page - National Semiconductor (TI) CS4210 Datasheet HTML 86Page - National Semiconductor (TI) CS4210 Datasheet HTML 87Page - National Semiconductor (TI) CS4210 Datasheet HTML 88Page - National Semiconductor (TI) CS4210 Datasheet HTML 89Page - National Semiconductor (TI) CS4210 Datasheet HTML 90Page - National Semiconductor (TI) CS4210 Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
Revision 1.0
87
www.national.com
Register Descriptions (Continued)
Table 4-53. IsochRxnContextControl Set/Clear Register
Bit
Name
Access
Reset
Description
31
bufferFill
RSC
Undef
Buffer Fill: When set to one, received packets are placed back-to-back to
completely fill each receive buffer (specified by an INPUT_MORE com-
mand). When clear, each received packet is placed in a single buffer
(described by zero to seven INPUT_MORE commands followed by an
INPUT_LAST command). If the multiChanMode bit (bit 28) is set to one,
this bit must also be set to one. The value of bufferFill must not be changed
while active (bit 10) or run (bit 15) are set to one.
30
isochHeader
RSC
Undef
Isochronous Header: When set to one, received isochronous packets
include the complete 4-byte isochronous packet header seen by the Link
layer. The end of the packet is marked with a xferStatus (bits 15:0 of this
register) in the first doublet, and a 16-bit timeStamp indicating the time of
the most recently received (or sent) cycleStart packet. When clear, the
packet header is stripped off of received isochronous packets. The packet
header, if received, immediately precedes the packet payload. Details are in
the 1394 OHCI specification data formats. The value of isochHeader must
not be changed while active or run are set to one.
29
cycleMatchEnable
RSCU
Undef
Cycle Match Enable: In general, when set to one, the context begins run-
ning only when the 15-bit cycleMatch field in the corresponding IsochRxn-
ContextMatch register matches the two sets of bits of the bus
IsochCycleTimer.cycleSeconds and 13-bit IsochCycleTimer.cycleCount val-
ues (BAR0+Offset F0h). The effects of this bit are impacted by the values of
other bits in this register and are explained in Section 4.4.26.1 "Isoch Trans-
mit Context Control Register" on page 84. Once the context has become
active, hardware clears the cycleMatchEnable bit. The value of cycleMatch-
Enable must not be changed while active or run are set to one.
28
multiChanMode
RSC
Undef
Multiple Channel Mode: When set to one, the corresponding isochronous
receive DMA context receives packets for all isochronous channels enabled
in the IRChannelMaskHi and IRChannelMaskLo registers (Section 4.4.15
"IRMultiChanMask Registers" on page 69). The isochronous channel num-
ber specified in the corresponding IsochRxnContextMatch register is
ignored. When set to zero, the IRDMA context receives packets for that sin-
gle channel. Only one IRDMA context may use the IRChannelMask regis-
ters. If more than one IsochRxContextControl register has the
multiChanMode bit set, results are undefined. The value of multiChanMode
must not be changed while active or run are set to one
27:16
RSVD
--
0
Reserved
15
run
RSCU
0
Run: The run bit is set by software to enable descriptor processing for a
context and cleared by software to stop descriptor processing. The CS4210
only clears this bit on a hardware or software reset. See Section 3.3.2.1
"ContextControl.run" on page 21 for details.
14:13
RSVD
--
0
Reserved
12
wake
RSU
Undef
Wake: Software sets this bit to 1 to cause the CS4210 to continue or
resume descriptor processing. The CS4210 clears this bit on every descrip-
tor fetch. See Section 3.3.2.2 "ContextControl.wake" on page 21 for details.
11
dead
RU
0
Dead: The CS4210 sets this bit when it encounters a fatal error and clears
this bit when software clears the run bit. See Section 3.3.2.4 "ContextCon-
trol.dead" on page 21 for details.
10
active
RU
0
Active: The CS4210 sets this bit to 1 when it is processing descriptors. See
Section 3.3.2.3 "ContextControl.active" on page 21 for details.
9:8
RSVD
--
0
Reserved
7:5
spd
RU
Undef
Speed: This field indicates the speed at which the packet was received.
000 = 100 Mbits/sec, 001 = 200 Mbits/sec, and 010 = 400 Mbits/sec. All
other values are reserved.
4:0
event code
RW
Undef
Event Code: For bufferFill mode, possible values are: ack_complete,
evt_descriptor_read, evt_data_write, and evt_unknown. Packets with data
errors and packets for which a FIFO overrun occurred are ‘backed-out’ by
reverting to the previous state and Xferstatus and resCount are not
updated. For packet-per-buffer mode, possible values are: ack_complete,
ack_data_error, evt_long_packet, evt_overrun, evt_descriptor_read,
evt_data_write, and evt_unknown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com