Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 52Page - National Semiconductor (TI) CS4210 Datasheet HTML 53Page - National Semiconductor (TI) CS4210 Datasheet HTML 54Page - National Semiconductor (TI) CS4210 Datasheet HTML 55Page - National Semiconductor (TI) CS4210 Datasheet HTML 56Page - National Semiconductor (TI) CS4210 Datasheet HTML 57Page - National Semiconductor (TI) CS4210 Datasheet HTML 58Page - National Semiconductor (TI) CS4210 Datasheet HTML 59Page - National Semiconductor (TI) CS4210 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
www.national.com
56
Revision 1.0
Register Descriptions (Continued)
460h-463h
IsochRx3ContextControl Set Register
464h-467h
IsochRx3ContextControl Clear Register
RSVD
RSVD
RSVD
spd
event code
468h-46Bh
Reserved
46Ch-46Fh
IsochRx3CommandPtr Register
descriptorAddress
Z
470h-473h
IsochRx3ContextMatch Register
cyclematch
sync
channelNum
474h-47Fh
Reserved
480h-483h
IsochRx4ContextControl Set Register
484h-487h
IsochRx4ContextControl Clear Register
RSVD
RSVD
RSVD
spd
event code
488h-48Bh
Reserved
48Ch-48Fh
IsochRx4CommandPtr Register
descriptorAddress
Z
490h-493h
IsochRx4ContextMatch Register
cyclematch
sync
channelNum
494h-49Fh
Reserved
4A0h-4A3h
IsochRx5ContextControl Set Register
4A4h-4A7h
IsochRx5ContextControl Clear Register
RSVD
RSVD
RSVD
spd
event code
4A8h-4ABh
Reserved
4ACh-4AFh
IsochRx5CommandPtr Register
descriptorAddress
Z
Table 4-8. OHCI Configuration Register Map/Summary: BAR0+Offset xxh (Continued)
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com