Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 10Page - National Semiconductor (TI) CS4210 Datasheet HTML 11Page - National Semiconductor (TI) CS4210 Datasheet HTML 12Page - National Semiconductor (TI) CS4210 Datasheet HTML 13Page - National Semiconductor (TI) CS4210 Datasheet HTML 14Page - National Semiconductor (TI) CS4210 Datasheet HTML 15Page - National Semiconductor (TI) CS4210 Datasheet HTML 16Page - National Semiconductor (TI) CS4210 Datasheet HTML 17Page - National Semiconductor (TI) CS4210 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
www.national.com
14
Revision 1.0
Signal Definitions (Continued)
2.2.3
Miscellaneous Interface Signals
Signal Name
Pin No.
Type
Description
EECLK
4
O
Serial EEPROM Clock
The I2C bus clock signal.
EEDATA
5
I
Serial EEPROM Data
The I2C data signal.
CCLKO
77
O
Cycle Clock Output
The 8 kHz reference clock output.
CCLKI
78
I
Cycle Clock Input
The 8 kHz reference clock input.
CMC
2
O
Contender Master Control
This output is set via the nscCMCControl.CMC bit (BAR1+Offset 18h[0]).
The value placed on the bit is directly reflected on this pin.
CMCL
3
O
Contender Master Control Link Enabled
This output is set via the nscCMCControl.CMCL bit (BAR1+Offset 18h[1]).
The value of the bit is reflected on the output when HCControl.linkEnable
(BAR0+Offset 50h[17]) is set. Otherwise it is 0.
TESTO
7
O
Test Out
National internal test pin, user must float.
TESTEN#
76
I
Test Enable
National internal test pin, user must tie high.
2.2.4
Power Supplies and Ground Connections
Signal Name
Pin No.
Type
Description
VDD
9, 13, 20, 35, 46, 55,
70, 80, 91, 96
PWR
2.5V Core Power Supply Connections (Total of 10)
VDDIO
6, 16, 39, 63, 87
PWR
3.3V I/O Power Supply Connections (Total of 5)
VSS
1, 11, 24, 30, 42, 50,
60, 75, 83, 94, 100
GND
Ground Connections (Total of 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com