Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 29Page - National Semiconductor (TI) CS4210 Datasheet HTML 30Page - National Semiconductor (TI) CS4210 Datasheet HTML 31Page - National Semiconductor (TI) CS4210 Datasheet HTML 32Page - National Semiconductor (TI) CS4210 Datasheet HTML 33Page - National Semiconductor (TI) CS4210 Datasheet HTML 34Page - National Semiconductor (TI) CS4210 Datasheet HTML 35Page - National Semiconductor (TI) CS4210 Datasheet HTML 36Page - National Semiconductor (TI) CS4210 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
Revision 1.0
33
www.national.com
4.0
Register Descriptions
The registers of the CS4210 can broadly be divided into
two categories:
1)
OHCI Configuration Registers
2)
National (Vendor) Specific Configuration Registers
Both are memory mapped offsets accessed via Base
Address Registers (BARs) specified in the PCI Configura-
tion Space Header.
The remaining sub-sections of this chapter are as follows:
• A brief discussion on how to access the registers
located in the PCI Configuration Space
• Register Summary
• Detailed bit formats of all registers
4.1
PCI CONFIGURATION SPACE ACCESS
A PCI configuration read or write cycle is accomplished by
writing the bus, function, device, and register number into
the 32-bit index register at 0CF8h, then performing a corre-
sponding PCI configuration read or write of the 32-bit data
register at 0CFCh. The format of the value written to
0CF8h (PCI_INDEX) is shown in Table 4-1.
The CS4210 provides a configuration space, whose first
40h bytes adhere to the format outlined in Revision 2.1 of
the document entitled, “PCI Local Bus Specification”. This
is a Type 0 header. This configuration space header con-
tains two 32-bit BARs that specify memory space usage.
The first BAR contains the memory address of the OHCI
defined registers. The second BAR contains the memory
address of the National Semiconductor defined registers.
Table 4-1. PCI Index Register (0CF8h)
31
30
24
23
16
15
11
10
8
7
2
1
0
Configuration
Space Mapping
RSVD
Bus
Number
Device
Number
Function
Number
Register
Number
00
1 (Enable)
000 000
0000 0000
xxxx x
xxx
xxxx xx
00 (Always)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com