Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 58Page - National Semiconductor (TI) CS4210 Datasheet HTML 59Page - National Semiconductor (TI) CS4210 Datasheet HTML 60Page - National Semiconductor (TI) CS4210 Datasheet HTML 61Page - National Semiconductor (TI) CS4210 Datasheet HTML 62Page - National Semiconductor (TI) CS4210 Datasheet HTML 63Page - National Semiconductor (TI) CS4210 Datasheet HTML 64Page - National Semiconductor (TI) CS4210 Datasheet HTML 65Page - National Semiconductor (TI) CS4210 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
www.national.com
62
Revision 1.0
Register Descriptions (Continued)
4.4.7
Bus Options Register
The Bus Options register (Table 4-16) is a 32-bit number
that externally maps to the second quadlet of the
Bus_Info_Block.
This
register
is
written
locally
at
BAR0+Offset 20h. This register is loaded from the serial
EEPROM, if present, which sets the values after a hard-
ware reset.
Table 4-16. BAR0+Offset 20h: Bus Options Register
Bit
Name
Access
Reset
Description
31:27
irmc
RW
Undef
Isochronous Resource Manager Capable: IEEE 1394 bus management
field. Must be valid at any time the HCControl.linkEnable bit (BAR0+Offset
50h[17]) is set.
30
cmc
RW
Undef
Cycle Manager Capable: IEEE 1394 bus management bit. Must be valid at
any time the HCControl.linkEnable bit (BAR0+Offset 50h[17]) is set.
29
isc
RW
Undef
Isochronous Capable: IEEE 1394 bus management bit. Must be valid at
any time the HCControl.linkEnable bit (BAR0+Offset 50h[17]) is set.
28
bmc
RW
Undef
Bus Manager Capable: IEEE 1394 bus management bit. Must be valid at
any time the HCControl.linkEnable bit (BAR0+Offset 50h[17]) is set.
27
pmc
RW
Undef
Power Manager Capable: IEEE 1394 bus management bit. Must be valid
at any time the HCControl.linkEnable bit (BAR0+Offset 50h[17]) is set.
26:24
RSVD
--
0
Reserved
23:16
cyc_clk_acc
RW
Undef
Cycle Clock Access: IEEE 1394 bus management field. Must be valid at
any time the HCControl.linkEnable bit (BAR0+Offset 50h[17]) is set.
15:12
max_rec
RW
**
Maximum Received: IEEE 1394 bus management field. Hardware initial-
izes max_rec to 1024 if no serial EEPROM is used or to the value stored for
this register in the EEPROM if present. Software may change max_rec,
however, this field must be valid at any time the HCControl.linkEnable bit
(BAR0+Offset 50h[17]) is set to 1. Note that received block write request
packets with a length greater than max_rec shall generate an
ack_type_error if the request is not handled by the physical response unit,
and may generate an ack_type_error otherwise.
** Reset values: For a hardware reset, max_rec is set 1024 or to the value
stored in the serial EEPROM, if present. For a soft reset, max_rec is not
changed.
11:8
RSVD
--
0
Reserved
7:6
g
RW
Undef
Generation Counter: This field increments if any portion of configuration
ROM has changed since the prior bus reset.
5:3
RSVD
--
0
Reserved
2:0
link_spd
RWU
RU
**
Link Speed: 000 = 100 Mbits/sec; 001 = 200 Mbits/sec; 010 = 400 Mbits/
sec; all other values are reserved.
**On a hardware reset, link_spd is set 010 (400 Mbits/sec) or to the value
stored in the serial EEPROM, if present. If the link_spd write protect in the
nscControl register (BAR1+Offset 00h[12]) is not set, software is permitted
to change link_spd to a lower value, which causes the link to reject packets
arriving at higher speeds.
**On a software reset, the value of link_spd is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com