Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 59Page - National Semiconductor (TI) CS4210 Datasheet HTML 60Page - National Semiconductor (TI) CS4210 Datasheet HTML 61Page - National Semiconductor (TI) CS4210 Datasheet HTML 62Page - National Semiconductor (TI) CS4210 Datasheet HTML 63Page - National Semiconductor (TI) CS4210 Datasheet HTML 64Page - National Semiconductor (TI) CS4210 Datasheet HTML 65Page - National Semiconductor (TI) CS4210 Datasheet HTML 66Page - National Semiconductor (TI) CS4210 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
Revision 1.0
63
www.national.com
Register Descriptions (Continued)
4.4.8
Global Unique ID Register
The Global Unique ID (GUID) (Table 4-17) is a 64-bit num-
ber that externally maps to the third and fourth quadlets of
the Bus_Info_Block. The GUID is contained in the two 32-
bit registers, GUIDHi and GUIDLo, BAR0+Offset 24h-28h.
The vendor ID is obtained from the IEEE Registration
Authority Committee (RAC). A company does not need to
obtain a vendor ID if it has been previously assign an IEEE
48-bit Globally Assigned Address Block or an IEEE-
assigned Organizationally Unique Identifier for use in net-
work applications.
4.4.9
Configuration ROM Mapping Register
The Configuration ROM Mapping register (Table 4-18) con-
tains the start address within system bus space that maps
to the start address of the 1394 configuration ROM for this
node. Only quadlet reads to the first 1 KB of the configura-
tion ROM map to system bus space, all other transactions
to this space are rejected with a 1394 “ack_type_error”.
Since the low order 10 bits of this address are reserved
andassumedtobezero, thesystem address forthe config-
urationROM must startona1KBboundary. Note that the
first five quadlets of the 1394 configuration ROM space are
mapped to the configuration ROM header and the
Bus_Info_Block, and so are handled directly by the
CS4210. This means that the first five quadlets addressed
by the configuration ROM mapping register are not used.
Software should ensure this address is valid before setting
HCControl.linkEnable (BAR0+Offset 50h[17]) to one.
Table 4-17. GUID Register
Bit
Name
Access
Reset
Description
BAR0+Offset 24h
GUIDHi Register
31:8
node_vendor_ID
RW
**
Vendor ID Code: IEEE 1394 bus management field. Must be set by firm-
ware or hardware before the HCControl.linkEnable bit (BAR0+Offset
50h[17]) is set.
7:0
chip_ID_Hi
RW
Chip Identification High: The upper 8 bits of the chip ID. IEEE 1394 bus
management field. Must be set by firmware or hardware before the HCCon-
trol.linkEnable bit (BAR0+Offset 50h[17]) is set.
BAR0+Offset 28h
GUIDLo Register
31:0
chip_ID_Lo
RW
**
Chip Identification Low: The lower 32 bits of the chip ID. IEEE 1394 bus
management field. Must be set by firmware or hardware before the HCCon-
trol.linkEnable bit (BAR0+Offset 50h[17]) is set.
**The Global Unique ID (GUID) register is reset to 0 after a host power (hardware) reset. A value of 0 is an illegal value. This register is
not affected by a software reset. The GUID register is written only once after host power reset, by either:
1) an autonomous load operation from a local, un-modifiable such as the serial EEPROM or local parallel ROM, or
2) a single host write to each field performed only by firmware that is always executed on a hardware reset which affects the CS4210.
This firmware, as well as the GUID value that is loaded, may not be modifiable by any user action.
After one of these load mechanisms has executed, the GUID register is read-only.
Table 4-18. BAR0+Offset 34h: ConfigROMMap Register
Bit
Name
Access
Reset
Description
31:10
configROMaddr
RW
Undef
Configuration ROM Address: If a quadlet read request to 1394 offset
FFFF_F000_0400h through offset FFFF_F000_07FFh is received, then the
low order 10 bits of the offset are added to this register to determine the
host memory address of the returned quadlet.
9:0
RSVD
--
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com