Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 8Page - National Semiconductor (TI) CS4210 Datasheet HTML 9Page - National Semiconductor (TI) CS4210 Datasheet HTML 10Page - National Semiconductor (TI) CS4210 Datasheet HTML 11Page - National Semiconductor (TI) CS4210 Datasheet HTML 12Page - National Semiconductor (TI) CS4210 Datasheet HTML 13Page - National Semiconductor (TI) CS4210 Datasheet HTML 14Page - National Semiconductor (TI) CS4210 Datasheet HTML 15Page - National Semiconductor (TI) CS4210 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
www.national.com
12
Revision 1.0
Signal Definitions (Continued)
2.2
SIGNAL DESCRIPTIONS
2.2.1
PCI Bus Interface Signals
Signal Name
Pin No.
Type
Description
AD[31:0]
Refer to
Table 2-3
I/O
Multiplexed Address and Data
AD[31:0] is a physical address during the first clock of a PCI transaction; it is
the data during subsequent clocks.
When the CS4210 is a PCI master, AD[31:0] are outputs during the address
and write data phases, and are inputs during the read data phase of a trans-
action.
When the CS4210 is a PCI slave, AD[31:0] are inputs during the address
and write data phases, and are outputs during the read data phase of a
transaction.
C/BE[3:0]#
65, 53, 41,
28
I/O
Bus Command and Byte Enables
Multiplexed bus command and byte enables.
FRAME#
43
I/O
Cycle Frame
Driven by the initiator to indicate the beginning and duration of an access.
IRDY#
44
I/O
Initiator Ready
Indicates that the initiator is ready to complete the current data phase of the
transaction.
TRDY#
45
I/O
Target Ready
Indicates that the current data phase of the transaction is ready to be com-
pleted.
STOP#
48
I/O
Stop
Indicates that the current target is requesting the initiator to stop the current
transaction.
DEVSEL#
47
I/O
Device Select
When actively driven, DEVSEL# indicates the driving device has decoded
its address as the target of the current access.
IDSEL
29
I
Initialization Device Select
Used as a chip select during configuration read and write transactions.
PERR#
49
I/O
Parity Error
Used for reporting data parity errors during all PCI transactions except a
Special Cycle.
SERR#
51
I/O
System Error
Used for reporting address parity errors, data parity errors on the Special
Cycle command, or any other system error where the result will be cata-
strophic.
PAR
52
I/O
Parity
PAR is even parity across AD[31:0] and C/BE[3:0]. PAR is an input when
AD[31:0] are inputs and is an output when AD[31:0] are outputs.
PREQ#
15
O
PCI Bus Request
PCI bus request to PCI bus arbiter.
PGNT#
14
I
PCI Bus Grant
PCI bus grant from PCI bus arbiter.
INTA#
8
O
Interrupt A
1394 OpenHCI PCI interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com