Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 44Page - National Semiconductor (TI) CS4210 Datasheet HTML 45Page - National Semiconductor (TI) CS4210 Datasheet HTML 46Page - National Semiconductor (TI) CS4210 Datasheet HTML 47Page - National Semiconductor (TI) CS4210 Datasheet HTML 48Page - National Semiconductor (TI) CS4210 Datasheet HTML 49Page - National Semiconductor (TI) CS4210 Datasheet HTML 50Page - National Semiconductor (TI) CS4210 Datasheet HTML 51Page - National Semiconductor (TI) CS4210 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
www.national.com
48
Revision 1.0
Register Descriptions (Continued)
4.4
OHCI CONFIGURATION REGISTERS
The OHCI configuration registers are at the location speci-
fied by Base Address Register 0 (BAR0) in PCI configura-
tion space.
The registers must be accessed as 32-bit entities with host
processor quadlet reads or quadlet writes occurring on
quadlet boundaries. When HCControl.LPS is 0, the only
accessible registers are Version, VendorID, HCControl,
GUID_ROM, GUIDHi and GUIDLo. Access to all other reg-
isters is undefined until HCControl.LPS is set to 1.
All register fields are initialized to zero or their default value
upon power up. Reads of reserved fields yield undeter-
mined results. Unless specified, a 1394 bus reset will not
affect the register contents. The registers are either read/
write or set/clear registers. The read/write registers are
defined at a single location. The set/clear registers have
one location for setting bits in the register and a second
location for clearing those bits. When a value of 1 is written
to a set location, that value is taken as a bit mask to update
that bit. The other bits in the register are not changed.
Writing a 1 to a clear location sets that bit to zero and will
not change other bits. The register field descriptions in
Table 4-7 describe the operating modes of those registers.
Table 4-8 is a map for the registers accessed through
BAR0. Following this table are subsections providing
detailed information for each register.
Table 4-7. Operating Modes
Access
Tag
Name
Description
R
Read
Field may be read from the PCI bus.
W
Write
Field may be written from the PCI bus.
U
Update
Field may be autonomously updated
by the OHCI hardware.
S
Set
Field may be set from the PCI bus.
C
Clear
Field may be cleared from the PCI bus.
Table 4-8. OHCI Configuration Register Map/Summary: BAR0+Offset xxh
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
00h-03h
Version Register
RSVD
version
RSVD
revision
04h-07h
GUID_ROM Register
RSVD
rdData
RSVD
08h-0Bh
ATRetries Register
cycleLimit
(not implemented)
maxPhysResp-
Retries
RSVD
maxATResp-
Retries
maxATReq-
Retries
0Ch-0Fh
CSRCompareData Register
csrData
10h-13h
CSRCompareData Register
csrCompare
14h-17h
CSRControlRegister
RSVD
18h-1Bh
ConfigROMhdr Register
info_length
crc_length
rom_crc_value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com