Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 80Page - National Semiconductor (TI) CS4210 Datasheet HTML 81Page - National Semiconductor (TI) CS4210 Datasheet HTML 82Page - National Semiconductor (TI) CS4210 Datasheet HTML 83Page - National Semiconductor (TI) CS4210 Datasheet HTML 84Page - National Semiconductor (TI) CS4210 Datasheet HTML 85Page - National Semiconductor (TI) CS4210 Datasheet HTML 86Page - National Semiconductor (TI) CS4210 Datasheet HTML 87Page - National Semiconductor (TI) CS4210 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
www.national.com
84
Revision 1.0
Register Descriptions (Continued)
4.4.26 Isochronous Transmit
Each isochronous transmit context consists of two regis-
ters: CommandPtr and ContextControl. CommandPtr is
used by software to tell the ITDMA controller where the
DMA context program begins. IsochTxContextControl is
used by software to control the context’s behavior, and is
used by hardware to indicate current status.
The CS4210 has eight isochronous transmit contexts.
These registers are repeated at offsets of 10h times the
context number. Table 4-49 is a map providing the offset
addresses for the isochronous transmit ContextControl and
CommandPtr registers.
4.4.26.1
Isoch Transmit Context Control Register
The IsochTxContextControl Set/Clear registers (Table 4-50
on page 85) contain bits that control options, operational
state, and status for the ITDMA contexts. Software can set
selected bits by writing ones to the corresponding bits in
the ContextControl Set register. Software can clear
selected bits by writing ones to the corresponding bits in
the ContextControl Clear register. It is not possible for soft-
ware to set some bits and clear others in an atomic opera-
tion. A read from either register returns the same value.
In addition to the standard ContextControl fields, it includes
a mechanism for starting transmit at a specified cycle time.
The cycleMatch field is used to start an ITDMA context pro-
gram on a specified cycle. Software enables matching by
setting the cycleMatchEnable bit. When the low order two
bits of the bus IsochCycleTimer.cycleSeconds and Isoch-
CycleTimer.cycleCount (BAR0+Offset F0h) value matches
the cycleMatch value, hardware clears the cycleMatchEn-
able bit to 0, sets the ContextControl.active bit to 1, and
begins executing descriptor blocks for the context. The
transition of an ITDMA context to the active state from the
not-active state is dependent upon the values of the run
and cycleMatchEnable bits.
If runtransitions to1whencycleMatchEnableis0,thenthe
context becomes active (active = 1).
If both run and cycleMatchEnable are set to 1, then the
context becomes active when the low order two bits of the
bus IsochCycleTimer.cycleSeconds and 13-bit IsochCy-
cleTimer. cycleCount values match the 15-bit cycleMatch
value.
If both run and cycleMatchEnable are set to 1, and cycleM-
atchEnable is subsequently cleared, the context becomes
active.
If both run and active are 1 (the context is active), and then
cycleMatchEnable is set to 1, this results in unspecified
behavior.
Due to software latencies, software attempts to manage
the startup of a context too close to the current time may
not be effective.
In addition, the usability of cycleMatchEnable for IT con-
texts is impacted by the cycleInconsistent interrupt. Refer
to Section 3.2.3.3 "Isoch Tx and Rx Context Interrupts" on
page 17 for more information.
Table 4-49. IsochTx Register Address Map
BAR0+Offset
Name
200h
IsochTx0ContextControl Set Register
204h
IsochTx0ContextControl Clear Register
208h
Reserved
20Ch
IsochTx0CommandPtr Register
210h
IsochTx1ContextControl Set Register
214h
IsochTx1ContextControl Clear Register
218h
Reserved
21Ch
IsochTx1CommandPtr Register
220h
IsochTx2ContextControl Set Register
224h
IsochTx2ContextControl Clear Register
228h
Reserved
22Ch
IsochTx2CommandPtr Register
230h
IsochTx3ContextControl Set Register
234h
IsochTx3ContextControl Clear Register
238h
Reserved
23Ch
IsochTx3CommandPtr Register
240h
IsochTx4ContextControl Set Register
244h
IsochTx4ContextControl Clear Register
248h
Reserved
24Ch
IsochTx4CommandPtr Register
250h
IsochTx5ContextControl Set Register
254h
IsochTx5ContextControl Clear Register
258h
Reserved
25Ch
IsochTx5CommandPtr Register
260h
IsochTx6ContextControl Set Register
264h
IsochTx6ContextControl Clear Register
268h
Reserved
26Ch
IsochTx6CommandPtr Register
270h
IsochTx7ContextControl Set Register
274h
IsochTx7ContextControl Clear Register
278h
Reserved
27Ch
IsochTx7CommandPtr Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com