Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 76Page - National Semiconductor (TI) CS4210 Datasheet HTML 77Page - National Semiconductor (TI) CS4210 Datasheet HTML 78Page - National Semiconductor (TI) CS4210 Datasheet HTML 79Page - National Semiconductor (TI) CS4210 Datasheet HTML 80Page - National Semiconductor (TI) CS4210 Datasheet HTML 81Page - National Semiconductor (TI) CS4210 Datasheet HTML 82Page - National Semiconductor (TI) CS4210 Datasheet HTML 83Page - National Semiconductor (TI) CS4210 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
www.national.com
80
Revision 1.0
Register Descriptions (Continued)
4.4.24 Asynchronous Request/Response Transmit
Each ATDMA context (request and response) has two reg-
isters: CommandPtr and ContextControl. CommandPtr is
used by software to tell the CS4210 where the DMA con-
text program begins. ContextControl is used by software to
control the context’s behavior, and is used by hardware to
indicate current status.
4.4.24.1 Async Request Transmit Context Control
Register
The ContextControl Set/Clear registers contain bits that
control options, operational state and status for the DMA
context. Software can set selected bits by writing ones to
the corresponding bits in the ContextControl Set register.
Software can clear selected bits by writing ones to the cor-
responding bits in the ContextControl Clear register. It is
not possible for software to set some bits and clear others
in an atomic operation. A read from either register returns
thesamevalue.
4.4.24.2 Async Request Transmit Command Pointer
Register
Software initializes CommandPtr.descriptorAddress to con-
tain the address of the first descriptor block that the
CS4210 accesses when software enables the context by
setting ContextControl.run. Software also initializes Com-
mandPtr.Z to indicate the number of descriptors in the first
descriptor block. Software only writes to this register when
both ContextControl.run and ContextControl.active are
zero.
Table 4-41. BAR0+Offset 180h (Set) and 184h (Clear): AsyncReqTxContextControl Register
Bit
Name
Access
Reset
Description
31:16
RSVD
--
0
Reserved
15
run
RSCU
0
Run: The run bit is set by software to enable descriptor processing for a
context and cleared by software to stop descriptor processing. The CS4210
only clears this bit on a hardware or software reset. See Section 3.3.2.1
"ContextControl.run" on page 21 for details.
14:13
RSVD
--
0
Reserved
12
wake
RSU
Undef
Wake: Software sets this bit to 1 to cause the CS4210 to continue or
resume descriptor processing. The CS4210 clears this bit on every descrip-
tor fetch. See Section 3.3.2.2 "ContextControl.wake" on page 21 for details.
11
dead
RU
0
Dead: The CS4210 sets this bit when it encounters a fatal error. The
CS4210 clears this bit when software clears the run bit. See Section 3.3.2.4
"ContextControl.dead" on page 21 for details.
10
active
RU
0
Active: The CS4210 sets this bit to 1 when it is processing descriptors. See
Section 3.3.2.3 "ContextControl.active" on page 21 for details.
9:5
RSVD
--
0
Reserved
4:0
event code
RU
Undef
Event Code: Following an OUTPUT_LAST* command, the received
ack_code or an “evt_” error code is indicated in this field. Possible values
are: ack_complete, ack_pending, ack_busy_X, ack_busy_A, ack_busy_B,
ack_data_error, ack_type_error, evt_tcode_err, evt_missing_ack,
evt_underrun, evt_descriptor_read, evt_data_read,evt_timeout,
evt_flushed, and evt_unknown.
Table 4-42. BAR0+Offset 18Ch: AsyncReqTxCommandPtr Register
Bit
Name
Access
Reset
Description
31:4
descriptorAddress
RWU
Undef
Descriptor Address: Contains the upper 28 bits of the address of a 16-
byte aligned descriptor block. See Section 3.3.2.5 "CommandPtr" on page
22 for details.
3:0
Z
RWU
Undef
ZBit: Indicates the number of contiguous 16-byte aligned blocks at the
address pointed to by descriptorAddress. If Z is 0, it indicates that the
descriptorAddress is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com