Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 47Page - National Semiconductor (TI) CS4210 Datasheet HTML 48Page - National Semiconductor (TI) CS4210 Datasheet HTML 49Page - National Semiconductor (TI) CS4210 Datasheet HTML 50Page - National Semiconductor (TI) CS4210 Datasheet HTML 51Page - National Semiconductor (TI) CS4210 Datasheet HTML 52Page - National Semiconductor (TI) CS4210 Datasheet HTML 53Page - National Semiconductor (TI) CS4210 Datasheet HTML 54Page - National Semiconductor (TI) CS4210 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
Revision 1.0
51
www.national.com
Register Descriptions (Continued)
E0h-E3h
LinkControl Set Register
E4h-E7h
LinkControl Clear Register
RSVD
RSVD
RSVD
E8h-EBh
Node ID and Status Register
RSVD
RSVD
busNumber
nodeNumber
ECh-EFh
PHYControl Register
RSVD
rdAddr
rdData
RSVD
regAddr
wrData
F0h-F3h
IsochCycleTimer Register
cycleSeconds
cycleCount
cycleOffset
F4h-FFh
Reserved
100h-103h
AsyncReqFilterHi Set Register
104h-107h
AsyncReqFilterHi Clear Register
asyncReqResource[62:32]
108h-10Bh
AsyncReqFilterLo Set Register
10Ch-10Fh
AsyncReqFilterLo Clear Register
asyncReqResource[31:0]
110h-113h
PhysicalReqHi Set Register
114h-117h
PhysicalReqHi Clear Register
physReqResource[62:32]
118h-11Bh
PhysicalReqtLo Set Register
11Ch-11Fh
PhysicalRequestLo Clear Register
physReqResource[31:0]
120h-17Fh
Reserved
Table 4-8. OHCI Configuration Register Map/Summary: BAR0+Offset xxh (Continued)
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com