Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 3Page - National Semiconductor (TI) CS4210 Datasheet HTML 4Page - National Semiconductor (TI) CS4210 Datasheet HTML 5Page - National Semiconductor (TI) CS4210 Datasheet HTML 6Page - National Semiconductor (TI) CS4210 Datasheet HTML 7Page - National Semiconductor (TI) CS4210 Datasheet HTML 8Page - National Semiconductor (TI) CS4210 Datasheet HTML 9Page - National Semiconductor (TI) CS4210 Datasheet HTML 10Page - National Semiconductor (TI) CS4210 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
Revision 1.0
7
www.national.com
Architectural Description (Continued)
1.2.1
Transfer Engine
The transfer engine performs data movement between dif-
ferent sources/sinks:
1)
Host memory (TxFIFOs/RxFIFO, Scratchpad SRAM)
2)
DMA modules (ATDMA, ITDMA, or RDMA)
All byte alignment and byte swapping tasks are also per-
formed by the transfer engine.
1.2.2
Host Memory Organization
The 1394 OHCI specification allows for many different data
FIFO implementations. This CS4210 implements two trans-
mit FIFOs (asynchronous and isochronous) and a single
receive FIFO. The transmit FIFOs share a single embed-
ded dual-port SRAM (36x1024). The receive FIFO uses a
single embedded dual-port SRAM (36x1024). A small
transmit FIFO is also implemented using latches and some
decoding logic.
All FIFOs may be tested using an embedded RAM BIST
controller. See Section 4.5.4 "nscRAMBist" on page 94 for
more details.
1.2.3
ATDMA
The ATDMA module controls the transmission of all asyn-
chronous packets. This includes AT (Asynchronous Trans-
mit) Request context packets, AT Response context
packets and all physical DMA transmit request and
response packets. The ATDMA module also controls
retransmission of packets as required by the OHCI specifi-
cation.
1.2.4
ITDMA
The ITDMA module controls the transmission of all isochro-
nous packets. Annex E of the OHCI specification describes
the operation of the ITDMA module. This annex was con-
tributed by National Semiconductor.
1.2.5
RDMA
The RDMA module processes all received packets and
transmit status. This includes packets destined for the AR
(Asynchronous Receive) Request context, AR Response
context, all IR (Isochronous Receive) contexts, the Self-ID
buffer, and all physical DMA requests (including CSR
accesses). It also examines the transmit status to manage
the collection of currently active physical DMA requests.
1.3
TRANSMIT DRAIN
The transmit drain module accepts packets from the
TxFIFOs (asynchronous and isochronous) and interfaces
with the link layer module to transmit these packets. It also
places transmit completion status in the TxFIFO.
1.4
RECEIVE FILL
The receive fill module accepts packets from the link layer
and places them into the RxFIFO. It performs packet filter-
ing and routing. It also determines which handshake, if any,
to return for each received packet.
1.5
LINK LAYER
The link layer module implements a 1394 link layer function
developed for this host controller application. It includes
support for the CRC32 generation/checking, link state
machine, transmit/receive data paths and the generation/
reception of cycle start packets. This module includes sup-
port for features defined in the P1394a supplement.
1.6
PHYSICAL LAYER INTERFACE
The physical layer interface module implements the exter-
nal interface to connect to the Geode CS4103 P1394a
physical layer device. It includes support for features
defined in revision 2.0 of the P1394a specification.
1.7
REGISTER SET
The register set module coordinates slave accesses to the
host controller registers. It fields read/write requests from
the PCI interface module. It can also read configuration
data from a serial EEPROM device via an I2Cinterface.
1.8
RELATED DOCUMENTS
The following documents may be useful in understanding
the terms and concepts used in this publication.
• 1394 Open Host Controller Interface Specification
Release 1.0
• IEEE 1394-1995 High Performance Serial Bus, 1995
• ISO/IEC 13213:1994 Control and Status Register Archi-
tecture for Microcomputer Buses International Stan-
dards Organization, 1994
• IEEE P1394a Standard for a High Performance Serial
bus (Supplement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com